Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3002 Datasheet(PDF) 21 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 17Page - Texas Instruments TAS3002 Datasheet HTML 18Page - Texas Instruments TAS3002 Datasheet HTML 19Page - Texas Instruments TAS3002 Datasheet HTML 20Page - Texas Instruments TAS3002 Datasheet HTML 21Page - Texas Instruments TAS3002 Datasheet HTML 22Page - Texas Instruments TAS3002 Datasheet HTML 23Page - Texas Instruments TAS3002 Datasheet HTML 24Page - Texas Instruments TAS3002 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
3–1
3 Analog Input/Output
The TAS3002 device contains a stereo 24-bit ADC with two single-ended inputs per channel. Selection of the A or
B analog input is accomplished by setting a bit in the analog control register (ACR) by an I2C command. Additionally,
the TAS3002 device has a stereo 24-bit digital-to-analog converter (DAC).
3.1
Analog Input
Figure 3–1 shows the technique and components required for analog input to the TAS3002 device. The maximum
input signal must not exceed 0.7 Vrms. Selection of the above component values gives a frequency response from
20 Hz to 20 kHz at a sampling frequency of 48 kHz without alias frequency problems.
AINRP
AINRM
AINLM
AINLP
24-Bit
Stereo
ADC
RINA
RINB
AINRM
AINRP
AINLM
AINLP
LINA
LINB
Reference
Voltage
1200 pF
1200 pF
0.47
µF
0.47
µF
1
1
0.47
µF
0.47
µF
1
1
2
2
1
Analog Inputs – Use 0.47
µF for 20-Hz Cutoff
2
Anti-Alias Capacitors for fS = 48 kHz
Input Select Command
From Internal Controller
3
Tie unused analog inputs to analog ground through 0.1-
µF capacitors.
Figure 3–1. Analog Input to the TAS3002 Device
3.2
Analog Output
3.2.1
Direct Analog Output
The full scale analog output from the TAS3002 device is 0.707 Vrms. It is referenced to VCOM which is approximately
1.5 Vdc. VCOM must be decoupled with the network shown in Figure 3–2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com