Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3103 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TAS3103 Datasheet HTML 75Page - Texas Instruments TAS3103 Datasheet HTML 76Page - Texas Instruments TAS3103 Datasheet HTML 77Page - Texas Instruments TAS3103 Datasheet HTML 78Page - Texas Instruments TAS3103 Datasheet HTML 79Page - Texas Instruments TAS3103 Datasheet HTML 80Page - Texas Instruments TAS3103 Datasheet HTML 81Page - Texas Instruments TAS3103 Datasheet HTML 82Page - Texas Instruments TAS3103 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 146 page
background image
3−19
There are several techniques of volume management for a linear volume control process.
•
Precise calculations involving logarithms can be employed.
•
A high-resolution gain table, with entries for every 0.5-dB step, can be employed.
•
A more coarse gain table (entries in 3 to 6-dB steps with linear interpolation between entries) can be
employed.
•
Or approximations involving very simple calculations can be employed.
As an example of using approximations, equations for increasing a linear 5.23 gain setting X by 0.5 dB that involve
only simple binary shift and add operations and the accuracy of these equations are given below.
20log10X + 0.5 dB ≈ X + 2−4X gives 0.52657877-dB steps
20log10X + 0.5 dB ≈ X + 2−4X − 2−8X gives 0.49458651-dB steps
20log10X + 0.5 dB ≈ X + 2−4X − 2−8X + 2−11X gives 0.49859199-dB steps
20log10X + 0.5 dB ≈ X[1 + 2−4 − 2−8 + 2−11 + 2−12 − 2−13 + 2−14 − 2−16 + 2−18] gives
0.4999997332 dB−steps
Approximations can also be found for decreasing a linear 5.23 gain setting X by 0.5 dB that involve using only simple
binary shift and add operations, but the equations differ slightly from those used to increase the gain in 0.5-dB steps.
The approximations to decrease the volume by 0.5 dB and the accuracy of these approximations are given below.
20log10X − 0.5 dB ≈ X − 2−4X gives −0.56057447 dB-steps
20log10X − 0.5 dB ≈ X − 2−4X + 2−7X gives −0.48849199-dB steps
20log10X − 0.5 dB ≈ X − 2−4X + 2−7X − 2−10X gives −0.49746965-dB steps
20log10X − 0.5 dB ≈ X[1 − 2−4 + 2−7 − 2−10 − 2−12 − 2−15 − 2−21] gives −0.5000006792 dB-steps
Repeated use of a set of the above approximations results in an accumulation of the errors in the approximations.
For example, if an application started at 0-dB volume, and repeatedly used the approximations to increase and
decrease the volume, the exact reference point of 0 dB would be lost. If an application does require the maintenance
of accurate reference points, it is necessary for the application to establish a set of exact gain reference settings and
command these exact settings in place of a computed gain setting whenever the current gain setting and the next
computed gain setting straddle an exact gain setting.
Table 3−4 lists the I2C coefficient settings to adjust volume from 24 dB to −136 dB in 0.5-dB steps. For each volume
setting, the gain in dB is presented in one column, the same gain in a floating point number
float
+ 10
Gain
dB
20
is
presented in the adjacent column, and the same gain formatted in the 32-bit hexadecimal gain coefficient format
required to enter the value into the TAS3103 via the I2C bus is presented in a third column.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com