Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3103 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TAS3103 Datasheet HTML 79Page - Texas Instruments TAS3103 Datasheet HTML 80Page - Texas Instruments TAS3103 Datasheet HTML 81Page - Texas Instruments TAS3103 Datasheet HTML 82Page - Texas Instruments TAS3103 Datasheet HTML 83Page - Texas Instruments TAS3103 Datasheet HTML 84Page - Texas Instruments TAS3103 Datasheet HTML 85Page - Texas Instruments TAS3103 Datasheet HTML 86Page - Texas Instruments TAS3103 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 146 page
background image
3−23
Table 3−4. Volume Adjust Gain Coefficient (Continued)
GAIN (dB)
GAIN (FLOAT)
GAIN (COEFFICIENT)
GAIN (dB)
GAIN (GLOAT)
GAIN (COEFFICIENT)
−95
1.77828E−05
00000095
−122.5
7.49894E−07
00000006
−95.5
1.67880E−05
0000008C
−123
7.07946E−07
00000005
−96
1.58489E−05
00000084
−123.5
6.68344E−07
00000005
−96.5
1.49624E−06
0000007D
−124
6.30958E−07
00000005
−97
1.41254E−05
00000076
−124.5
5.95662E−07
00000004
−97.5
1.33352E−05
0000006F
−125
5.62342E−07
00000004
−98
1.25893E−05
00000069
−125.5
5.30884E−07
00000004
−98.5
1.18850E−05
00000063
−126
5.01188E−07
00000004
−99
1.12202E−05
0000005E
−126.5
4.73152E−07
00000003
−99.5
1.05925E−05
00000058
−127
4.46684E−07
00000003
−100
0.00001
00000053
−127.5
4.21696E−07
00000003
−100.5
9.44060E−06
0000004F
−128
3.98108E−07
00000003
−114
1.99526E−06
00000010
−128.5
3.75838E−07
00000003
−114.5
1.88365E−06
0000000F
−129
3.54814E−07
00000002
−115
1.77828E−06
0000000E
−129.5
3.34966E−07
00000002
−115.5
1.67880E−06
0000000E
−130
3.16228E−07
00000002
−116
1.58489E−06
0000000D
−130.5
2.98538E−07
00000002
−116.5
1.49624E−06
0000000C
−131
2.81838E−07
00000002
−117
1.41254E−06
0000000B
−131.5
2.66072E−07
00000002
−117.5
1.33352E−06
0000000B
−132
2.51188E−07
00000002
−118
1.25893E−06
0000000A
−132.5
2.37138E−07
00000001
−118.5
1.18850E−06
00000009
−133
2.23872E−07
00000001
−119
1.12202E−06
00000009
−133.5
2.11348E−07
00000001
−119.5
1.05925E−06
00000008
−134
1.99526E−07
00000001
−120
0.000001
00000008
−134.5
1.88365E−07
00000001
−120.5
9.44080E−07
00000007
−135
1.77828E−07
00000001
−121
8.91250E−07
00000007
−135.5
1.67880E−07
00000001
−121.5
8.41396E−07
00000007
−136
1.58489E−07
00000001
−122
7.94328E−07
00000006
3.6.1.1 Soft Volume Adjustment Range Limitations
When the 2048 sample transition time is selected for the S-curve volume transition, the full −
∞ to 24-dB adjustment
range is available. All possible values but one in the signed 28-bit (5.23 format) volume level command range are
valid volume level selections. The one exception is the maximum negative volume level command 0x08000000. This
value is illegal and if used, could result in erratic behavior that requires a reset to the part to correct.
When the 4096 sample transition time is selected, the upper two bits of the 28-bit volume command cannot be used.
This means that the valid volume level command range is reduced to a maximum positive value of 0x1FFFFFF
(12 dB) and a maximum negative value of 0x0E000000 (also 12 dB, but with a 180
° phase inversion of the audio
signal). Values above these maximum levels could result in erratic behavior that requires a reset to the part to correct.
Although the volume boost for the 4096 sample transition time is limited to 12 dB, volume boost can be realized
elsewhere in the processing signal flow, such as in the input crossbar mixers, the biquad filters in the three monaural
channels, or the biquad filters in the effects block.
3.6.1.2 Soft Volume Transitions and Concurrent I2C Read Transactions
I2C read transactions at subaddresses 0x01 through 0xD1 are not allowed during volume level transitions, as read
activity during volume level transitions could result in erroneous data being output. If it is required to read subaddress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com