Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB12F Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # KMB12F
Description  SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

KMB12F Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  KMB12F Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd KMB12F Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd KMB12F Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd KMB12F Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Green Products
Data Sheet N1777, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
KMB12F-KMB125F
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Type Number
Symbol
KMB
12F
KMB
13F
KMB
14F
KMB
145F
KMB
15F
KMB
16F
KMB
18F
KMB
110F
KMB
115F
KMB
120F
KMB
125F
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VDC
20
30
40 45 50 60 80 100 150 200 250
V
RMS Reverse Voltage
VRMS
14
21
28 31 35 42 56 70 105 140 175
V
Average forward rectified output current
(Note 1)
@TA = 90°C
IO
1
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
30
A
I
2t Rating for Fusing (t < 8.3ms)
I
2t
3.735
A
2S
Forward Voltage (per element)
@IF =1A
VFM
0.55
0.7
0.85
0.90
0.92
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 100°C
IRM
0.1
10
0.05
5
mA
Typical Junction Capacitance(per leg)
CJ
28
pF
Typical Thermal Resistance (per leg) (Note 2)
RθJA
75
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note: 1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com