Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB12F Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # KMB12F
Description  SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

KMB12F Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  KMB12F Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd KMB12F Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd KMB12F Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd KMB12F Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Green Products
Data Sheet N1777, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
KMB12F-KMB125F
KMB12F-KMB125F
SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
Features:
•
Schottky Brrier Chip
•
Low Power Loss, High Efficiency
•
Ideally Suited for Automatic Assembly
•
Surge Overload Rating to 30A Peak
•
Plastic Case Material has UL Flammability Classification Rating 94V-0
Mechanical Data:
•
Case: MB-F, Molded plastic
•
Terminals: Plated leads solderable per MIL-STD-202, Method 208
•
Polarity: as marked on case
•
Mounting Position: Any
•
Marking: Type Number
•
Lead Free: For RoHS / Lead Free Version
Mechanical Dimensions: In Inches/mm
MBF


Similar Part No. - KMB12F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
KMB12F PACELEADER-KMB12F Datasheet
267Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
KMB12F PFS-KMB12F Datasheet
374Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Formosa MS
KMB12F FORMOSA-KMB12F Datasheet
947Kb / 2P
Surface Mount Schottky Bridge Rectifier
logo
Guangdong Juxing Electr...
KMB12F JUXING-KMB12F Datasheet
1Mb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Microdiode Semiconducto...
KMB12F CHENDA-KMB12F Datasheet
510Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
More results

Similar Description - KMB12F

ManufacturerPart #DatasheetDescription
logo
Bytes
DB101S BYTES-DB101S Datasheet
150Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
First Components Intern...
DF005 FCI-DF005 Datasheet
123Kb / 2P
1.0 Amp Surface Mount SINGLE PHASE SILICON BRIDGE
logo
UNIOHM CORPORATION
DB101S UNIOHM-DB101S Datasheet
67Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
DB101S GWSEMI-DB101S Datasheet
67Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Nanjing International G...
DB101GS DGNJDZ-DB101GS Datasheet
278Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
KMB12M DYELEC-KMB12M Datasheet
1Mb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
KMB12S DYELEC-KMB12S Datasheet
1Mb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
logo
Nanjing International G...
DB101GS-107GS DGNJDZ-DB101GS-107GS Datasheet
134Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
DB101GS BYTESONIC-DB101GS Datasheet
210Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
Version 1.4 2017/4/20
logo
SMC Diode Solutions Co....
KMB12S SMCDIODE-KMB12S Datasheet
349Kb / 5P
SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
Rev. C
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com