Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC231 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC231
Description  Fast Settling, Wideband Buff-Amp??(Av = 짹1 to 짹5)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC231 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC231 Datasheet HTML 1Page - National Semiconductor (TI) CLC231 Datasheet HTML 2Page - National Semiconductor (TI) CLC231 Datasheet HTML 3Page - National Semiconductor (TI) CLC231 Datasheet HTML 4Page - National Semiconductor (TI) CLC231 Datasheet HTML 5Page - National Semiconductor (TI) CLC231 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
s
165MHz closed-loop – -3dB bandwidth
s
15ns settling to 0.05%
s
1mV input offset voltage, 10
µV/°C drift
s
100mA output current
s
Excellent AC and DC linearity
Applications
s
Driving flash A/D converters
s
Precision line driving
(a gain of 2 cancels matched-line losses)
s
DAC current-to-voltage conversion
s
Low-power, high-speed applications
(50mW @ ±5V)
General Description
Comlinear CLC231
Fast Settling, Wideband Buff-Amp™ (Av = ±1 to ±5)
N
August 1996
Typical Performance
Package Dimensions
Bottom View
The CLC231 is constructed using thin film resistor/bipolar tran-
sistor technology, and is available in the following versions:
CLC231AI
-25°C to +85°C
12-pin TO-8 can
CLC231A8C -55°C to +125°C 12-pin TO-8 can,
MIL-STD-883, Level B
CLC231AK -55°C to +125°C 12-pin TO-8 can, features burn-in
and hermetic testing
CLC231AM -55°C to +125°C 12-pin TO-8 can, screened to
Comlinear’s M standard for high
reliability
DESC SMD number: 5962-89594
© 1996 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
Not Intended For New Designs


Similar Part No. - CLC231

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC200 NSC-CLC200 Datasheet
392Kb / 6P
Fast Settling, Wideband Operational Amplifiers
logo
Cadeka Microcircuits LL...
CLC2000 CADEKA-CLC2000 Datasheet
2Mb / 18P
High Output Current Dual Amplifier
logo
Exar Corporation
CLC2000 EXAR-CLC2000 Datasheet
1Mb / 18P
High Output Current Dual and Quad Amplifiers
logo
Cadeka Microcircuits LL...
CLC2000ISO8 CADEKA-CLC2000ISO8 Datasheet
2Mb / 18P
High Output Current Dual Amplifier
logo
Exar Corporation
CLC2000ISO8 EXAR-CLC2000ISO8 Datasheet
1Mb / 18P
High Output Current Dual and Quad Amplifiers
More results

Similar Description - CLC231

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC103 NSC-CLC103 Datasheet
404Kb / 6P
Fast Settling, High Current Wideband Op Amp
logo
Fairchild Semiconductor
KH103 FAIRCHILD-KH103 Datasheet
363Kb / 6P
Fast Settling, High Current Wideband Op Amp
KH220 FAIRCHILD-KH220 Datasheet
401Kb / 5P
Fast Settling Wideband Op Amp
KH231 FAIRCHILD-KH231 Datasheet
106Kb / 6P
Fast Settling, Wideband Buffer/Amplifier (Av = 짹1 to 짹5)
logo
Analog Devices
AD840 AD-AD840 Datasheet
419Kb / 8P
Wideband, Fast Settling Op Amp
REV.C
AD3554 AD-AD3554 Datasheet
398Kb / 6P
FAST-SETTLING, WIDEBAND, FET-INPUT OP AMP
logo
Cadeka Microcircuits LL...
KH220 CADEKA-KH220 Datasheet
442Kb / 5P
Fast Settling Wideband Op Amp
KH231 CADEKA-KH231 Datasheet
239Kb / 6P
Fast Settling, Wideband Buffer/Amplifier (Av = 짹1 to 짹5)
logo
Exar Corporation
KH103AI EXAR-KH103AI Datasheet
589Kb / 7P
Fast Settling, High Current Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840_15 Datasheet
420Kb / 8P
Wideband, Fast Settling Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com