Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5449 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC5449
Description  Silicon NPN Triple Diffused Character Display Horizntal Deflection Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5449 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC5449 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5449 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5449 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5449 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5449 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5449 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5449 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SC5449
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
1500
V
Collector to emitter voltage
V
CEO
700
V
Emitter to base voltage
V
EBO
6V
Collector current
I
C
12
A
Collector peak current
i
c(peak)
24
A
Collector power dissipation
P
C
Note1
50
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Value at Tc = 25°C
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector to emitter
breakdown voltage
V
(BR)CEO
700
—
—
V
I
C = 10mA, RBE = ∞
Emitter to base
breakdownvoltage
V
(BR)EBO
6—
—
V
I
E = 10mA, IC = 0
Collector cutoff current
I
CES
—
—
500
µAV
CE = 1500V, RBE = 0
DC current transfer ratio
h
FE1
10
—
30
V
CE = 5 V, IC = 1A
DC current transfer ratio
h
FE2
3.5
—
6.5
V
CE = 5 V, IC = 7A
Collector to emitter
saturationvoltage
V
CE(sat)
——
5
V
I
C =
7A, I
B = 1.8A
Base to emitter
saturationvoltage
V
BE(sat)
—
—
1.5
V
I
C =
7A, I
B = 1.8A
Fall time
t
f
—
0.2
0.4
µsI
CP = 6A, IB1 = 2A
f
H = 31.5kHz
Fall time
t
f
—
0.15
—
µsI
CP = 6A, IB1 = 1.5A
f
H = 64kHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com