Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5449 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SC5449
Description  Silicon NPN Triple Diffused Character Display Horizntal Deflection Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5449 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SC5449 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5449 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5449 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5449 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5449 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5449 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5449 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC5449
4
0.05
10
2
5
1
0.1
0.2
0.5
0.1
0.5
0.2
1
2
5
10
0.1
0.2
0.5
1
2
5
10
10
5
0
0.8
0.6
0.4
0.2
0
0.4
0.8
1.2
1.6
2.0
Collector Current I
(A)
C
Collector to Emitter Saturation Voltage
vs. Collector Current
Collector Current
I
(A)
C
Base to Emitter Saturation Voltage
vs. Collector Current
Base Current
I
(A)
B
Collector to Emitter Saturation Voltage
vs. Base Current
Base Current I
(A)
B1
Fall Time vs. Base Current
Tc = 25
°C
6 A
8 A
I
= 4 A
C
2.4
0.2
0.5
1
25
20
10
0.1 0.2
0.5
1
25
20
10
I
/ I
= 4
CB
Tc = –25
°C
25
°C
75
°C
I
/ I
= 4
C
B
Tc = –25
°C
25
°C
75
°C
2.6
I
= 6 A
f = 64 kHz
Tc = 25
°C
CP
H



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com