Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39SF020 Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # 39SF020
Description  2 Megabit (256K x 8) Multi-Purpose Flash
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

39SF020 Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button 39SF020 Datasheet HTML 15Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 16Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 17Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 18Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 19Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 20Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 21Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 22Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 23Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
© 1998 Silicon Storage Technology, Inc.
326-10 12/98
2 Megabit Multi-Purpose Flash
SST39SF020
Preliminary Specifications
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PACKAGING DIAGRAMS
32-LEAD PLASTIC LEAD CHIP CARRIER (PLCC)
SST PACKAGE CODE: NH
32-LEAD PLASTIC DUAL-IN-LINE PACKAGE (PDIP)
SST PACKAGE CODE: PH
32.pdipPH-ILL.0
pin 1 index
CL
32
1
Optional Ejector Pin
Indentation Shown for
Conventional Mold Only
Base Plane
Seating Plane
Note:
1. Complies with JEDEC publication 95 MO-015 AP dimensions, although some dimensions may be more stringent.
2. All linear dimensions are in inches (min/max).
3. Dimensions do not include mold flash. Maximum allowable mold flash is .010 inches.
.170
.200
7˚
4 PLCS.
.600 BSC
.100 BSC
.120
.150
.016
.022
.045
.065
.070
.080
.015
.050
.065
.075
1.645
1.655
.008
.012
0˚
15˚
.600
.625
.530
.550
.030
.040
.013
.021
.490
.530
.075
.095
.015 Min.
.125
.140
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
232
.026
.032
.400
BSC
O R E
32.PLCC.NH-ILL.0
Note:
1. Complies with JEDEC publication 95 MS-016 AE dimensions, although some dimensions may be more stringent.
2. All linear dimensions are in inches (min/max).
3. Dimensions do not include mold flash. Maximum allowable mold flash is .008 inches.
.050
BSC.
.050
BSC.
.020 High x .002
Deep Characters
.076/.125 Dia.
Ejector Pin
1
.026
.032
.023
.029
.447
.453
.042
.048
.042
.048
.045 Dia. x .000/.010
Deep Polished
(Optional)
.547
.553
.585
.595
.485
.495
.020 R.
MAX.
.106
.112
R.
x 30˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com