Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39SF020 Datasheet(PDF) 12 Page - Silicon Storage Technology, Inc

Part # 39SF020
Description  2 Megabit (256K x 8) Multi-Purpose Flash
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

39SF020 Datasheet(HTML) 12 Page - Silicon Storage Technology, Inc

Back Button 39SF020 Datasheet HTML 8Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 9Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 10Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 11Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 12Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 13Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 14Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 15Page - Silicon Storage Technology, Inc 39SF020 Datasheet HTML 16Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
© 1998 Silicon Storage Technology, Inc.
326-10 12/98
2 Megabit Multi-Purpose Flash
SST39SF020
Preliminary Specifications
FIGURE 7: TOGGLE BIT TIMING DIAGRAM
FIGURE 8: WE# CONTROLLED SECTOR ERASE TIMING DIAGRAM
326 ILL F07.0
ADDRESS A17-0
DQ6
WE#
OE#
CE#
TOE
TOEH
TCE
TOES
TWO READ CYCLES
WITH SAME OUTPUTS
NOTE: (1) TOGLE BIT OUTPUT IS ALWAYS HIGH FIRST.
(1)
Note: The device also supports CE# controlled sector erase operation. The WE# and CE# signals are
interchangeable as long as minimum timings are met. (See Table 10)
SAX = Sector Address
326 ILL F08.4
ADDRESS A17-0
DQ7-0
WE#
SW0
SW1
SW2
SW3
SW4
SW5
5555
2AAA
2AAA
5555
5555
55
30
55
AA
80
AA
SAX
OE#
CE#
SIX-BYTE CODE FOR SECTOR ERASE
TSE
TWP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com