Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # HER201
Description  HIGH EFFICIENCY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

HER201 Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  HER201 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. HER201 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER201 TH U HER208
R
HIGH EFFICIENCY RECTIFIER
Reverse Voltage: 50 to 1000 Volts
Forward Current:2.0Amperes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Case: JEDED DO-15 molded plastic body
Epoxy: UL94V-0 rate flame retardant
Lead: Plated axial leads, solderable per MIL-STD-750,method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Note: 1.Test conditions: I 0.5A,I =1.0A,I =0.25A.
F=
R
RR
2.Measured at 1MH and applied reverse voltage of 4.0 Volts.
Z
Maximum
Peak Reverse Voltage
Recurrent
VRRM
Volts
Volts
Volts
Volts
A
μ
P
F
AmpS
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
CJ
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
0.375"(9.5mm)lead length at T =55 C
A
Maximum Instantaneous Forward Voltage
at 2 0 A
.
Operating junction and storage temperature
range
Maximum reverse recovery time(Note1)
Typical junction capacitance(Note2)
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
-55 to+125
150
50
50
30
75
5.0
°C
TJ
50
50
35
100
100
70
200
200
140
400
300
400
300
280
210
600
600
420
800
800
560
1000
1000
700
60.0
1.3
1.0
1.7
ns
Trr
2.0
DO-15
Dimensions in inches and (millimeters)
0.300(7.60)
0.140(3.6)
0.034(0.85)
1.0(25.4)
MIN
1.0(25.4)
MIN
0.230(5.80)
0.104(2.6)
DIA
0.024(0.62)
DIA
R
SEMICONDUCT OR
Symbols
Units
HER
201
HER
202
HER
203
HER
204
HER
205
HER
206
HER
207
HER
208
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Low power loss, high efficiency
High surge current capability
High speed switching, Low leakage
Low forward voltage drop
High current capability, High reliability
High temperature soldering guaranteed:260 C/10 seconds at terminals
Component in accordance to RoHS 2011 65 EU
°
//
Maximum DC Reverse Current
at rated DC blocking voltage
T =100 C
A
°
T =25 C
A
°
(Rating at 25 C ambient temperature unless otherwise specified. Single phase ,half wave ,
resistive or inductive
load. For capacitive load, derate current by 20%.)
°
60H ,
Z
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
21
-
-55 to+150


Similar Part No. - HER201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER201 WTE-HER201 Datasheet
49Kb / 3P
2.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER201 ZOWIE-HER201 Datasheet
50Kb / 2P
HIGH EFFICIENCY RECITIFIER
logo
Rectron Semiconductor
HER201 RECTRON-HER201 Datasheet
43Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
logo
Jinan Gude Electronic D...
HER201 JGD-HER201 Datasheet
165Kb / 2P
2.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER201

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
High Efficiency Rectifier
logo
List of Unclassifed Man...
HER201 ETC2-HER201 Datasheet
119Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER601G JINGHENG-HER601G Datasheet
66Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com