Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # HER201
Description  HIGH EFFICIENCY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

HER201 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  HER201 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. HER201 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES HER201 THRU HER208
0.001
0.01
0.1
1.0
100
10
0.01
0.1
1
0
20
10
30
50
60
40
10
0
20
0
40
60
80
100
120
140
15
50
10
100
0.2
0.4
0.6
0.8
1.0
1.4
1.6
1.8
1.2
FIG.2-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.5-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
NUMBER OF CYCLES AT 60Hz
T =25 C
J
°
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
T =25 C
J
°
T =100 C
J
°
T =150 C
J
°
1
2
6
4
0.1 0.2
0.4
1
4
210
40
20
100
10
60
40
100
20
200
FIG.6-TYPICAL JUNCTION CAPACITANCE
T =25 C
J
°
Pulse Width=300 s
1% Duty Cycle
600\800\1000V
HER201-HER205
HER206-HER208
0
25
50
75
100
125
150
175
0
1.0
2.0
AMBIENT TEMPERATURE ( C)
°
SINGLE PHASE HALF WAVE 60H
RESISTIVE OR INDUCTIVE LOAD
Z
50\100\200\300V
400 500V
\
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
22
-
SET TIME BASE FOR 50/100 ns/cm
1cm
-0.25A
0
+0.5A
-1.0A
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
(NOTE2)
NONINDUCTIVE
OSCILLOSCOPE
(NOTE1)
D.U.T.
NONINDUCTIVE
NONIN-
DUCTIVE
50
50Vdc
(APPROX)
10
1
(-)
(+)
Trr
NOTES:1.Rise Time=7ns max. input impedance=1
megohm 22pF
2.Rise Time=10ns max. source impedance=
50 ohms



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com