Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMV1500 Datasheet(PDF) 1 Page - STMicroelectronics

Part # DMV1500
Description  DAMPER MODULATION DIODE FOR VIDEO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMV1500 Datasheet(HTML) 1 Page - STMicroelectronics

  DMV1500 Datasheet HTML 1Page - STMicroelectronics DMV1500 Datasheet HTML 2Page - STMicroelectronics DMV1500 Datasheet HTML 3Page - STMicroelectronics DMV1500 Datasheet HTML 4Page - STMicroelectronics DMV1500 Datasheet HTML 5Page - STMicroelectronics DMV1500 Datasheet HTML 6Page - STMicroelectronics DMV1500 Datasheet HTML 7Page - STMicroelectronics DMV1500 Datasheet HTML 8Page - STMicroelectronics DMV1500 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
DMV1500M
®
July 2001 - Ed: 6A
DAMPER + MODULATION DIODE FOR VIDEO
Symbol
Parameter
Value
Unit
MODUL DAMPER
VRRM
Repetitive peak reverse voltage
600
1500
V
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
35
75
A
Tstg
Storage temperature range
-40to+150
°C
Tj
Maximum operating junction temperature
150
ABSOLUTE RATINGS (limiting values, per diode)
Insulated TO-220AB
(Bending option F5 available)
s
Full kit in one package
s
High breakdown voltage capability
s
Very fast recovery diode
s
Specified turn on switching characteristics
s
Low static and peak forward voltage drop for low
dissipation
s
Insulated version:
Insulated voltage = 2500 VRMS
Capacitance = 7 pF
s
Planar technology allowing high quality and
best electrical characteristics
s
Outstanding performance of well proven DTV
as damper and new faster Turbo 2 600V
technology as modulation
FEATURES AND BENEFITS
High voltage semiconductor especially designed
for horizontal deflection stage in standard and high
resolution video display with E/W correction.
The insulated TO-220AB package includes both
the DAMPER diode and the MODULATION diode.
Assembled on automated line, it offers excellent
insulating and dissipating characteristics, thanks
to the internal ceramic insulation layer.
DESCRIPTION
MODUL
DAMPER
IF(AV)
3A
6A
VRRM
600 V
1500 V
trr (max)
50 ns
135 ns
VF (max)
1.4 V
1.65 V
MAIN PRODUCT CHARACTERISTICS
1
2
3
DAMPER
MODULATION
12
3


Similar Part No. - DMV1500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DMV1500H STMICROELECTRONICS-DMV1500H Datasheet
86Kb / 8P
DAMPER MODULATION DIODE FOR VIDEO
07-Sep-2004
DMV1500HD STMICROELECTRONICS-DMV1500HD Datasheet
88Kb / 8P
DAMPER MODULATION DIODE FOR CRT TV
16-Mar-2005
DMV1500HDFD STMICROELECTRONICS-DMV1500HDFD Datasheet
88Kb / 8P
DAMPER MODULATION DIODE FOR CRT TV
16-Mar-2005
DMV1500HDFD6 STMICROELECTRONICS-DMV1500HDFD6 Datasheet
88Kb / 8P
DAMPER MODULATION DIODE FOR CRT TV
16-Mar-2005
DMV1500HFD STMICROELECTRONICS-DMV1500HFD Datasheet
86Kb / 8P
DAMPER MODULATION DIODE FOR VIDEO
07-Sep-2004
More results

Similar Description - DMV1500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DMV STMICROELECTRONICS-DMV Datasheet
114Kb / 9P
DAMPER MODULATION DIODE FOR VIDEO
Insulated
logo
Sanken electric
FMP-3FU SANKEN-FMP-3FU Datasheet
33Kb / 2P
Damper diode (Diode modulation for Displays)
FMV-3FU SANKEN-FMV-3FU Datasheet
26Kb / 1P
Damper Diode (Diode modulation for TV)
logo
Fairchild Semiconductor
FFAF60A150DS FAIRCHILD-FFAF60A150DS Datasheet
138Kb / 6P
MODULATION DAMPER DIODE
FFPF60B150DS FAIRCHILD-FFPF60B150DS Datasheet
56Kb / 6P
DAMPER MODULATION DIODE
logo
STMicroelectronics
DMV1500H STMICROELECTRONICS-DMV1500H Datasheet
86Kb / 8P
DAMPER MODULATION DIODE FOR VIDEO
07-Sep-2004
DMV1500L STMICROELECTRONICS-DMV1500L Datasheet
87Kb / 9P
DAMPER MODULATION DIODE FOR VIDEO
Insulated
DMV1500SD STMICROELECTRONICS-DMV1500SD Datasheet
90Kb / 8P
DAMPER MODULATION DIODE FOR VIDEO
25-Oct-2004
DMV1500HD STMICROELECTRONICS-DMV1500HD Datasheet
88Kb / 8P
DAMPER MODULATION DIODE FOR CRT TV
16-Mar-2005
DMV1500M STMICROELECTRONICS-DMV1500M_04 Datasheet
90Kb / 8P
DAMPER MODULATION DIODE FOR VIDEO
07-Sep-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com