Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMV1500 Datasheet(PDF) 6 Page - STMicroelectronics

Part # DMV1500
Description  DAMPER MODULATION DIODE FOR VIDEO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMV1500 Datasheet(HTML) 6 Page - STMicroelectronics

  DMV1500 Datasheet HTML 1Page - STMicroelectronics DMV1500 Datasheet HTML 2Page - STMicroelectronics DMV1500 Datasheet HTML 3Page - STMicroelectronics DMV1500 Datasheet HTML 4Page - STMicroelectronics DMV1500 Datasheet HTML 5Page - STMicroelectronics DMV1500 Datasheet HTML 6Page - STMicroelectronics DMV1500 Datasheet HTML 7Page - STMicroelectronics DMV1500 Datasheet HTML 8Page - STMicroelectronics DMV1500 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
®
DMV1500M
6/9
1
10
100
200
0
1
2
3
4
5
6
dIF/dt(A/µs)
IRM(A)
IF= 3A
90% confidence
Tj=125°C
Fig. 7-2: Reverse recovery current versus dIF/dt
(modulation diode).
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
40
dIF/dt(A/µs)
VFP(V)
IF= 6A
90% confidence
Tj=125°C
Fig. 8-1: Transient peak forward voltage versus
dIF/dt (damper diode).
0
20
40
60
80
100 120 140 160 180 200
0
1
2
3
4
5
6
7
8
9
10
11
12
dIF/dt(A/µs)
VFP(V)
IF= 3A
90% confidence
Tj=125°C
Fig. 8-2: Transient peak forward voltage versus
dIF/dt (modulation diode).
0
20
40
60
80
100
120
140
400
450
500
550
600
650
700
750
800
dIF/dt(A/µs)
tfr(ns)
IF= 6A
90% confidence
Tj=125°C
VFR=3V
Fig. 9-1: Forward recovery time versus dIF/dt
(damper diode).
0
20
40
60
80
100 120 140 160 180 200
0
25
50
75
100
125
150
175
200
dIF/dt(A/µs)
tfr(ns)
IF=IF(av)
90% confidence
Tj=125°C
Vfr=2V
Fig. 9-2: Forward recovery time versus dIF/dt
(modulation diode).
VFP
IRM
Qrr
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Tj(°C)
VFP,IRM,Qrr[Tj]/VFP,IRM,Qrr[Tj=125°C]
Fig. 10: Dynamic parameters versus junction tem-
perature (damper & modulation diodes).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com