Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM53 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HM53
Description  High Power Low Cost Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM53 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HM53 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM53 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM53 Datasheet HTML 3Page - List of Unclassifed Manufacturers HM53 Datasheet HTML 4Page - List of Unclassifed Manufacturers HM53 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
6
6-95
Model HM53 Series
Inductance (1)
Rated (2)
Rated
DC
Energy
Part
Control Value
Inductance
Current
Resistance
ETop
(3)
Storage
Number
µH
µH
DC Amps
m
Ω
V-µS
µJ
±20%
Typ.
Max.
Max.
Min.
HM53-30101 V or H
150.6
105.4
7.5
45.6
389
2965
HM53-30150 V or H
21.3
14.9
9.3
17.8
56
643
HM53-30181 V or H
254.4
178.2
8.1
48.2
636
5846
HM53-30350 V or H
49.6
34.9
9.4
21.9
144
1542
HM53-30580 V or H
78.0
58.5
4.0
40.9
181
468
HM53-30690 V or H
97.2
67.9
7.5
31.0
253
1908
HM53-306R8 V or H
9.7
6.8
11.1
8.3
32
418
HM53-40111 V or H
152.8
106.8
10.5
29.8
486
5887
HM53-40150 V or H
14.5
14.7
14.5
11.5
75
1540
HM53-40360 V or H
52.3
36.5
10.2
18.3
178
1900
HM53-40550 V or H
74.5
54.8
6.0
26.1
209
987
HM53-40710 V or H
101.4
71.1
9.1
21.2
357
2945
HM53-407R0 V or H
10.0
7.0
13.5
7.9
41
638
HM53-50150 V or H
21.2
14.8
16.0
8.2
107
1896
HM53-50370 V or H
52.4
36.7
12.7
15.2
234
2959
HM53-50550 V or H
77.6
54.2
10.5
21.1
290
2988
HM53-50700 V or H
99.4
69.5
13.0
13.6
427
5874
HM53-507R0 V or H
10.0
7.0
20.9
5.6
50
1535
HM53-60130 V or H
19.2
13.5
29.5
4.8
154
5861
HM53-60350 V or H
50.2
35.1
21.0
9.2
268
7737
HM53-607R0 V or H
9.9
6.9
29.3
4.3
80
2975
SPECIFICATIONS
Notes: (1) Inductance measured at 100kHz, 0.1V without DC current.
(2) Value with rated DC current and the operating ETop across the inductor.
(3) Applied Volt-Time Product (V.µS) across the inductor. Value represents the V.µS at 50kHz and total losses for 40°C temperature rise.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com