Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM53 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HM53
Description  High Power Low Cost Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM53 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HM53 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM53 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM53 Datasheet HTML 3Page - List of Unclassifed Manufacturers HM53 Datasheet HTML 4Page - List of Unclassifed Manufacturers HM53 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
6-94
Model HM53 Series
Inductance (1)
Rated (2)
Rated
DC
Energy
Part
Control Value
Inductance
Current
Resistance
ETop
(3)
Storage
Number
µH
µH
DC Amps
m
V-µS
µJ
±20%
Typ.
Max.
Max.
Min.
HM53-001R1 V or H
1.4
1.1
14.0
2.6
14
112
HM53-001R6 V or H
1.7
1.6
8.0
3.7
10
51
HM53-001R8 V or H
2.6
1.8
15.0
3.5
14
204
HM53-001R9 V or H
2.7
1.9
10.0
5.1
9
95
HM53-002R0 V or H
2.8
2.0
8.5
4.8
10
72
HM53-003R0 V or H
4.4
3.1
13.5
4.5
16
280
HM53-005R5 V or H
7.9
5.5
8.5
8.9
25
199
HM53-007R8 V or H
11.1
7.8
5.7
12.9
31
127
HM53-009R5 V or H
13.5
9.5
9.0
8.1
51
384
HM53-10111 V or H
151.7
106.4
2.3
165.9
112
282
HM53-10171 V or H
250.9
175.2
2.2
224.2
156
424
HM53-10180 V or H
25.3
17.9
2.0
20.5
58
36
HM53-10320 V or H
50.3
32.3
2.6
59.1
70
109
HM53-10351 V or H
505.0
354.3
1.9
375.1
326
639
HM53-10531 V or H
754.4
529.2
2.4
468.1
370
1524
HM53-10650 V or H
104.0
65.2
2.4
108.6
90
188
HM53-10701 V or H
1000.4
701.4
2.1
679.4
300
1547
HM53-108R0 V or H
10.1
8.0
3.0
10.5
36
36
HM53-20101 V or H
148.0
103.6
4.0
70.5
246
829
HM53-20171 V or H
251.1
175.4
4.2
96.0
352
1547
HM53-20190 V or H
25.0
19.1
4.0
20.3
73
153
HM53-20350 V or H
50.0
35.0
4.9
29.1
103
420
HM53-20351 V or H
499.4
349.0
3.3
136.4
609
1901
HM53-20521 V or H
749.3
521.9
3.4
225.4
865
3016
HM53-20580 V or H
73.9
58.1
2.5
59.9
132
181
HM53-20710 V or H
101.7
70.8
4.3
48.5
188
655
HM53-20710 V or H
101.7
70.8
4.3
48.5
188
655
HM53-208R0 V or H
10.6
8.0
6.0
8.3
44
144
SPECIFICATIONS
Notes: (1) Inductance measured at 100kHz, 0.1V without DC current.
(2) Value with rated DC current and the operating ETop across the inductor.
(3) Applied Volt-Time Product (V.µS) across the inductor. Value represents the V.µS at 50kHz and total losses for 40°C temperature rise.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com