Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT354VT1 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CT354VT1
Description  AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT354VT1 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CT354VT1 Datasheet HTML 1Page - CT Micro International Corporation CT354VT1 Datasheet HTML 2Page - CT Micro International Corporation CT354VT1 Datasheet HTML 3Page - CT Micro International Corporation CT354VT1 Datasheet HTML 4Page - CT Micro International Corporation CT354VT1 Datasheet HTML 5Page - CT Micro International Corporation CT354VT1 Datasheet HTML 6Page - CT Micro International Corporation CT354VT1 Datasheet HTML 7Page - CT Micro International Corporation CT354VT1 Datasheet HTML 8Page - CT Micro International Corporation CT354VT1 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CT Micro
Rev.1
Proprietary & Confidential
Page 1
Jul, 2014
CT354
AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
Package Outline
Schematic
Features
•
•
•
•
High isolation 3750 VRMS
•
•
•
•
CTR flexibility available see order information
•
•
•
•
AC input with transistor output
•
•
•
•
Temperature range - 55 °C to 110 °C
•
•
•
•
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC – GB4943.1, GB8898
IEC60065, IEC60950
Description
These series of AC input optocoupler consists of a
photo transistor optically coupled to two gallium
arsenide Infrared-emitting diodes in a 4-lead
Mini-Flat package.
Applications
•
•
•
•
Switch mode power supplies
•
•
•
•
Computer peripheral interface
•
•
•
•
Microprocessor system interface


Similar Part No. - CT354VT1

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT350 CTMICRO-CT350 Datasheet
1Mb / 15P
2.5A MOSFET/IGBT Gate Driver Optocoupler
CT350M CTMICRO-CT350M Datasheet
1Mb / 15P
2.5A MOSFET/IGBT Gate Driver Optocoupler
CT350MT1 CTMICRO-CT350MT1 Datasheet
1Mb / 15P
2.5A MOSFET/IGBT Gate Driver Optocoupler
CT350MT2 CTMICRO-CT350MT2 Datasheet
1Mb / 15P
2.5A MOSFET/IGBT Gate Driver Optocoupler
CT350S CTMICRO-CT350S Datasheet
1Mb / 15P
2.5A MOSFET/IGBT Gate Driver Optocoupler
More results

Similar Description - CT354VT1

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT357 CTMICRO-CT357 Datasheet
1Mb / 10P
DC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT814 CTMICRO-CT814 Datasheet
1Mb / 15P
AC Input 4-Pin Phototransistor Optocoupler
CT1010 CTMICRO-CT1010 Datasheet
1Mb / 11P
DC Input 4-Pin Long Mini-Flat Phototransistor Optocoupler
CTH214CTH214 CTMICRO-CTH214CTH214 Datasheet
1Mb / 10P
AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
logo
Vishay Siliconix
SFH691AT VISHAY-SFH691AT_13 Datasheet
99Kb / 5P
Optocoupler, Phototransistor Output, SOP-4, AC Input Mini-Flat
12-Apr-13
logo
CT Micro International ...
CT357B1 CTMICRO-CT357B1 Datasheet
1Mb / 9P
DC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT1010-W CTMICRO-CT1010-W Datasheet
1Mb / 12P
DC Input 4-Pin Long Mini-Flat Phototransistor Optocoupler
CTH214A CTMICRO-CTH214A Datasheet
1Mb / 10P
AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CTH214 CTMICRO-CTH214 Datasheet
1Mb / 10P
AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
logo
Guangdong Youtai Semico...
LTV-354 UMW-LTV-354 Datasheet
1Mb / 8P
AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com