Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT354VT1 Datasheet(PDF) 2 Page - CT Micro International Corporation

Part # CT354VT1
Description  AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT354VT1 Datasheet(HTML) 2 Page - CT Micro International Corporation

  CT354VT1 Datasheet HTML 1Page - CT Micro International Corporation CT354VT1 Datasheet HTML 2Page - CT Micro International Corporation CT354VT1 Datasheet HTML 3Page - CT Micro International Corporation CT354VT1 Datasheet HTML 4Page - CT Micro International Corporation CT354VT1 Datasheet HTML 5Page - CT Micro International Corporation CT354VT1 Datasheet HTML 6Page - CT Micro International Corporation CT354VT1 Datasheet HTML 7Page - CT Micro International Corporation CT354VT1 Datasheet HTML 8Page - CT Micro International Corporation CT354VT1 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CT Micro
Rev.1
Proprietary & Confidential
Page 2
Jul, 2014
CT354
AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
Absolute Maximum Rating at 25oC
Symbol
Parameters
Ratings
Units
Notes
VISO
Isolation voltage
3750
VRMS
TOPR
Operating temperature
-55 ~ +110
0C
TSTG
Storage temperature
-55 ~ +150
0C
TSOL
Soldering temperature
260
0C
PTOT
Total power dissipation
200
mW
Emitter
IF
Forward current
±50
mA
IF(TRANS)
Peak transient current
(≤1µs P.W,300pps)
1
A
PD
Power dissipation
70
mW
Detector
PC
Power dissipation
150
mW
BVCEO
Collector-Emitter Breakdown Voltage
80
V
BVECO
Emitter-Collector Breakdown Voltage
7
V
IC
Collector Current
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com