Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1010 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CT1010
Description  DC Input 4-Pin Long Mini-Flat Phototransistor Optocoupler
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT1010 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CT1010 Datasheet HTML 1Page - CT Micro International Corporation CT1010 Datasheet HTML 2Page - CT Micro International Corporation CT1010 Datasheet HTML 3Page - CT Micro International Corporation CT1010 Datasheet HTML 4Page - CT Micro International Corporation CT1010 Datasheet HTML 5Page - CT Micro International Corporation CT1010 Datasheet HTML 6Page - CT Micro International Corporation CT1010 Datasheet HTML 7Page - CT Micro International Corporation CT1010 Datasheet HTML 8Page - CT Micro International Corporation CT1010 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CT Micro
Rev 3
Proprietary & Confidential
Page 1
Aug, 2014
CT1010, CT1011, CT1012, CT1013, CT1014
CT1015, CT1016, CT1017, CT1018, CT1019
DC Input 4-Pin Long Mini-Flat Phototransistor Optoco
upler
Package Outline
Schematic
Features
•
•
•
•
High isolation 5000 VRMS
•
•
•
•
CTR flexibility available see order information
•
•
•
•
Extra low coupling capacitance
•
•
•
•
DC input with transistor output
•
•
•
•
Temperature range - 55 °C to 110 °C
•
•
•
•
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC – GB4943.1, GB8898
IEC60065, IEC60950
•
•
•
•
Creepage distance > 8 mm
•
•
•
•
Green Package
Applications
•
•
•
•
Switch mode power supplies
•
•
•
•
Computer peripheral interface
•
•
•
•
Microprocessor system interface
Description
The CT1010, CT1011, CT1012, CT1013, CT1014,
CT1015, CT1016, CT1017, CT1018, CT1019 series
consists of a photo transistor optically coupled to a
gallium arsenide Infrared-emitting diode in a 4-lead
SOP Package.


Similar Part No. - CT1010

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT1010-W CTMICRO-CT1010-W Datasheet
1Mb / 12P
DC Input 4-Pin Long Mini-Flat Phototransistor Optocoupler
logo
American Accurate Compo...
CT101003ALM AAC-CT101003ALM Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT101003ALO AAC-CT101003ALO Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT101003AMM AAC-CT101003AMM Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT101003AMO AAC-CT101003AMO Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
More results

Similar Description - CT1010

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT354 CTMICRO-CT354 Datasheet
1Mb / 10P
AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT357 CTMICRO-CT357 Datasheet
1Mb / 10P
DC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT1110 CTMICRO-CT1110 Datasheet
1Mb / 12P
DC Input 5-Pin Long Mini-Flat Phototransistor Optocoupler
CTH217 CTMICRO-CTH217 Datasheet
1Mb / 10P
DC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CT357B1 CTMICRO-CT357B1 Datasheet
1Mb / 9P
DC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT1010-W CTMICRO-CT1010-W Datasheet
1Mb / 12P
DC Input 4-Pin Long Mini-Flat Phototransistor Optocoupler
CT1119-W CTMICRO-CT1119-W Datasheet
1Mb / 12P
DC Input 5-Pin Long Mini-Flat Phototransistor Optocoupler
Rev 2 Dec, 2017
CTM131 CTMICRO-CTM131 Datasheet
1Mb / 10P
DC Input 5-Pin Mini-Flat Phototransistor Optocoupler
Rev 0.2 Dec, 2018
logo
Vishay Siliconix
VOL617A VISHAY-VOL617A_V01 Datasheet
219Kb / 10P
Optocoupler, Phototransistor Output, 4 Pin LSOP, Long Creepage Mini-Flat Package
28-Jan-2019
logo
Guangdong Youtai Semico...
LTV-354 UMW-LTV-354 Datasheet
1Mb / 8P
AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com