Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1010 Datasheet(PDF) 10 Page - CT Micro International Corporation

Part # CT1010
Description  DC Input 4-Pin Long Mini-Flat Phototransistor Optocoupler
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT1010 Datasheet(HTML) 10 Page - CT Micro International Corporation

Back Button CT1010 Datasheet HTML 3Page - CT Micro International Corporation CT1010 Datasheet HTML 4Page - CT Micro International Corporation CT1010 Datasheet HTML 5Page - CT Micro International Corporation CT1010 Datasheet HTML 6Page - CT Micro International Corporation CT1010 Datasheet HTML 7Page - CT Micro International Corporation CT1010 Datasheet HTML 8Page - CT Micro International Corporation CT1010 Datasheet HTML 9Page - CT Micro International Corporation CT1010 Datasheet HTML 10Page - CT Micro International Corporation CT1010 Datasheet HTML 11Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CT Micro
Rev 3
Proprietary & Confidential
Page 10
Aug, 2014
CT1010, CT1011, CT1012, CT1013, CT1014
CT1015, CT1016, CT1017, CT1018, CT1019
DC Input 4-Pin Long Mini-Flat Phototransistor Optoco
upler
Reflow Profile
Profile Feature
Pb-Free Assembly Profile
Temperature Min. (Tsmin)
150°C
Temperature Max. (Tsmax)
200°C
Time (ts) from (Tsmin to Tsmax)
60-120 seconds
Ramp-up Rate (tL to tP)
3°C/second max.
Liquidous Temperature (TL)
217°C
Time (tL) Maintained Above (TL)
60 – 150 seconds
Peak Body Package Temperature
260°C +0°C / -5°C
Time (tP) within 5°C of 260°C
30 seconds
Ramp-down Rate (TP to TL)
6°C/second max
Time 25°C to Peak Temperature
8 minutes max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com