Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT415V Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CT415V
Description  DC Input 4-Pin Mini-Flat Photodarlington Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT415V Datasheet(HTML) 1 Page - CT Micro International Corporation

  CT415V Datasheet HTML 1Page - CT Micro International Corporation CT415V Datasheet HTML 2Page - CT Micro International Corporation CT415V Datasheet HTML 3Page - CT Micro International Corporation CT415V Datasheet HTML 4Page - CT Micro International Corporation CT415V Datasheet HTML 5Page - CT Micro International Corporation CT415V Datasheet HTML 6Page - CT Micro International Corporation CT415V Datasheet HTML 7Page - CT Micro International Corporation CT415V Datasheet HTML 8Page - CT Micro International Corporation CT415V Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CT Micro
Rev.2
Proprietary & Confidential
Page 1
Jul, 2014
CT415 Series
DC Input 4-Pin Mini-Flat Photodarlington Optocoupler
Package Outline
Schematic
Features
•
•
•
•
High isolation 3750 VRMS
•
•
•
•
DC input with transistor output
•
•
•
•
Operating temperature range - 55 °C to 110 °C
•
•
•
•
Green Package
•
•
•
•
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC – GB4943.1, GB8898
IEC60065, IEC60950
Applications
•
•
•
•
Power supply regulators
•
•
•
•
Digital logic outputs
•
•
•
•
Microprocessor inputs
Description
The CT415 series consists of a photodarlington
transistor optically coupled to a gallium arsenide
Infrared-emitting diode in a 4-lead Mini-Flat package.


Similar Part No. - CT415V

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CT41 CDIL-CT41 Datasheet
163Kb / 4P
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
logo
Compact Technology Corp...
CT4148WN CTC-CT4148WN Datasheet
157Kb / 2P
Small signal switching Diodes
CT4148WP CTC-CT4148WP Datasheet
139Kb / 5P
Small signal chip diode
CT4148WSN CTC-CT4148WSN Datasheet
144Kb / 2P
Small signal switching Diodes
CT4148WSP CTC-CT4148WSP Datasheet
139Kb / 5P
Small cignal chip diode
More results

Similar Description - CT415V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH692AT VISHAY-SFH692AT_08 Datasheet
98Kb / 5P
Optocoupler, Photodarlington Output, SOP-4 Mini-Flat Package
16-May-08
logo
CT Micro International ...
4N29 CTMICRO-4N29 Datasheet
1Mb / 13P
DC Input 6-Pin Photodarlington Optocoupler
CT354 CTMICRO-CT354 Datasheet
1Mb / 10P
AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT357 CTMICRO-CT357 Datasheet
1Mb / 10P
DC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT1010 CTMICRO-CT1010 Datasheet
1Mb / 11P
DC Input 4-Pin Long Mini-Flat Phototransistor Optocoupler
CTH217 CTMICRO-CTH217 Datasheet
1Mb / 10P
DC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CT357B1 CTMICRO-CT357B1 Datasheet
1Mb / 9P
DC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT1010-W CTMICRO-CT1010-W Datasheet
1Mb / 12P
DC Input 4-Pin Long Mini-Flat Phototransistor Optocoupler
CT815 CTMICRO-CT815 Datasheet
1Mb / 14P
DC Input 4-Pin DMC-Isolator Photodarlington Optocoupler
Rev.4 Aug, 2022
CTM131 CTMICRO-CTM131 Datasheet
1Mb / 10P
DC Input 5-Pin Mini-Flat Phototransistor Optocoupler
Rev 0.2 Dec, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com