Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT852SLT3 Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # CT852SLT3
Description  4-Pin High Power Photodarlington Optocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT852SLT3 Datasheet(HTML) 3 Page - CT Micro International Corporation

  CT852SLT3 Datasheet HTML 1Page - CT Micro International Corporation CT852SLT3 Datasheet HTML 2Page - CT Micro International Corporation CT852SLT3 Datasheet HTML 3Page - CT Micro International Corporation CT852SLT3 Datasheet HTML 4Page - CT Micro International Corporation CT852SLT3 Datasheet HTML 5Page - CT Micro International Corporation CT852SLT3 Datasheet HTML 6Page - CT Micro International Corporation CT852SLT3 Datasheet HTML 7Page - CT Micro International Corporation CT852SLT3 Datasheet HTML 8Page - CT Micro International Corporation CT852SLT3 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 3
Aug, 2013
CT852
4-Pin High Power Photodarlington Optocoupler
Electrical Characteristics
TA = 25°C (unless otherwise specified)
Emitter Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward voltage
IF=10mA
1.2
1.4
V
IR
Reverse Current
VR = 5V
-
-
5
µ A
CIN
Input Capacitance
f= 1MHz
-
45
-
pF
Detector Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
BVCEO
Collector-Emitter Breakdown
IC= 100µA
350
-
-
V
BVECO
Emitter-Collector Breakdown
IE= 100µA
0.1
-
-
V
ICEO
Collector-Emitter Dark Current
VCE= 200V, IF=0mA
-
-
100
nA
Transfer Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
CTR
Current Transfer Ratio
IF= 1mA, VCE= 2V
1000
15000
%
VCE(SAT)
Collector-Emitter Saturation
Voltage
IF= 20mA, IC= 100mA
-
-
1.2
V
RIO
Isolation Resistance
VIO= 500VDC
5x1010
CIO
Isolation Capacitance
f= 1MHz
0.6
pF
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
tr
Rise Time
IC=2mA, VCE= 2V, RL= 100
-
-
250
µ s
tf
Fall Time
-
-
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com