Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT852SLT3 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CT852SLT3
Description  4-Pin High Power Photodarlington Optocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT852SLT3 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CT852SLT3 Datasheet HTML 1Page - CT Micro International Corporation CT852SLT3 Datasheet HTML 2Page - CT Micro International Corporation CT852SLT3 Datasheet HTML 3Page - CT Micro International Corporation CT852SLT3 Datasheet HTML 4Page - CT Micro International Corporation CT852SLT3 Datasheet HTML 5Page - CT Micro International Corporation CT852SLT3 Datasheet HTML 6Page - CT Micro International Corporation CT852SLT3 Datasheet HTML 7Page - CT Micro International Corporation CT852SLT3 Datasheet HTML 8Page - CT Micro International Corporation CT852SLT3 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 1
Aug, 2013
CT852
4-Pin High Power Photodarlington Optocoupler
Package Outline
Schematic
Note: Different lead forming options available. See package
dimension.
Features
•
•
•
•
High isolation 5000 VRMS
•
•
•
•
CTR : Min 1000%
•
•
•
•
High BVCEO = 350V
•
•
•
•
Operating temperature range - 55 °C to 110 °C
Applications
•
•
•
•
Switch mode power supplies
•
•
•
•
Computer peripheral interface
•
•
•
•
Microprocessor system interface
•
•
•
•
Controller for SSR, DC Motor
•
•
•
•
Telephone Line Interface
Description
The CT852 series consists of high voltage
photodarlington optically coupled to a gallium
arsenide Infrared-emitting diode in a 4-lead DIP
package with bending options.


Similar Part No. - CT852SLT3

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT851 CTMICRO-CT851 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT851MT1 CTMICRO-CT851MT1 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT851MT2 CTMICRO-CT851MT2 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT851MT3 CTMICRO-CT851MT3 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
CT851MT4 CTMICRO-CT851MT4 Datasheet
1Mb / 16P
DC Input 4-Pin Phototransistor Optocoupler
More results

Similar Description - CT852SLT3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11B815 FAIRCHILD-H11B815 Datasheet
492Kb / 9P
4-PIN PHOTODARLINGTON OPTOCOUPLER
FOD852 FAIRCHILD-FOD852 Datasheet
546Kb / 9P
4-Pin High Operating Temperature Photodarlington Optocoupler
FOD815 FAIRCHILD-FOD815 Datasheet
511Kb / 9P
4-Pin High Operating Temperature Photodarlington Optocoupler
FOD852S FAIRCHILD-FOD852S Datasheet
317Kb / 10P
4-Pin High Operating Temperature Photodarlington Optocoupler
FOD8523SD FAIRCHILD-FOD8523SD Datasheet
3Mb / 13P
4-Pin High Operating Temperature Photodarlington Optocoupler
FOD815SD FAIRCHILD-FOD815SD Datasheet
517Kb / 9P
4-Pin High Operating Temperature Photodarlington Optocoupler
H11B815300W FAIRCHILD-H11B815300W Datasheet
481Kb / 9P
4-Pin Photodarlington Optocoupler
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
6-PIN PHOTODARLINGTON OPTOCOUPLER
logo
CT Micro International ...
CT415 CTMICRO-CT415 Datasheet
1Mb / 10P
DC Input 4-Pin Mini-Flat Photodarlington Optocoupler
CT815 CTMICRO-CT815 Datasheet
1Mb / 14P
DC Input 4-Pin DMC-Isolator Photodarlington Optocoupler
Rev.4 Aug, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com