Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H11B2ST2 Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # H11B2ST2
Description  DC Input 6-Pin Photodarlington Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

H11B2ST2 Datasheet(HTML) 3 Page - CT Micro International Corporation

  H11B2ST2 Datasheet HTML 1Page - CT Micro International Corporation H11B2ST2 Datasheet HTML 2Page - CT Micro International Corporation H11B2ST2 Datasheet HTML 3Page - CT Micro International Corporation H11B2ST2 Datasheet HTML 4Page - CT Micro International Corporation H11B2ST2 Datasheet HTML 5Page - CT Micro International Corporation H11B2ST2 Datasheet HTML 6Page - CT Micro International Corporation H11B2ST2 Datasheet HTML 7Page - CT Micro International Corporation H11B2ST2 Datasheet HTML 8Page - CT Micro International Corporation H11B2ST2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CT Microelectronics
Rev 1
Proprietary & Confidential
Page 3
Apr, 2014
4N29, 4N30, 4N31, 4N32, 4N33
H11B1, H11B2, H11B3, H11B255, TIL113
DC Input 6-Pin Photodarlington Optocoupler
Electrical Characteristics T
A = 25°C (unless otherwise specified)
Emitter Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward voltage
IF=10mA
1.24
1.4
V
VF
Forward voltage
H11B3
IF=50mA
1.45
1.5
V
IR
Reverse Current
VR = 6V
-
-
5
µ A
CIN
Input Capacitance
f= 1MHz
-
45
-
pF
Detector Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
BVCEO
Collector-Emitter Breakdown
IC= 100µA
55
-
-
V
BVECO
Emitter-Collector Breakdown
IE= 100µA
7
-
-
V
BVCBO
Collector-Base Breakdown
IC= 100µA
55
-
-
V
ICEO
Collector-Emitter Dark Current
VCE= 10V, IF=0mA
-
-
100
nA
Transfer Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
CTR
Current
Transfer
Ratio
4N29, 4N30
IF= 10mA, VCE= 10V
100
-
-
%
4N31
50
-
-
4N32, 4N33
500
-
-
H11B1
IF= 1mA, VCE= 10V
500
-
-
H11B2
200
-
-
H11B3
100
-
-
H11B255
IF= 10mA, VCE= 5V
100
-
-
TIL113
IF= 10mA, VCE= 1V
300
-
-
VCE(SAT)
Collector-
Emitter
Saturation
Voltage
4N29, 4N30, 4N32,
4N33
IF= 8mA, IC= 2mA
-
-
1.0
V
4N31, TIL113
IF= 8mA, IC= 2mA
-
-
1.2
H11B1, H11B2,
H11B3
IF= 1mA, IC= 1mA
-
-
1.0
H11B255
IF=50mA, IC= 50mA
-
-
1.0
RIO
Isolation Resistance
VIO= 500VDC
1x1011
CIO
Isolation Capacitance
f= 1Mhz
0.25
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com