Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H11B2ST2 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # H11B2ST2
Description  DC Input 6-Pin Photodarlington Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

H11B2ST2 Datasheet(HTML) 1 Page - CT Micro International Corporation

  H11B2ST2 Datasheet HTML 1Page - CT Micro International Corporation H11B2ST2 Datasheet HTML 2Page - CT Micro International Corporation H11B2ST2 Datasheet HTML 3Page - CT Micro International Corporation H11B2ST2 Datasheet HTML 4Page - CT Micro International Corporation H11B2ST2 Datasheet HTML 5Page - CT Micro International Corporation H11B2ST2 Datasheet HTML 6Page - CT Micro International Corporation H11B2ST2 Datasheet HTML 7Page - CT Micro International Corporation H11B2ST2 Datasheet HTML 8Page - CT Micro International Corporation H11B2ST2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CT Microelectronics
Rev 1
Proprietary & Confidential
Page 1
Apr, 2014
4N29, 4N30, 4N31, 4N32, 4N33
H11B1, H11B2, H11B3, H11B255, TIL113
DC Input 6-Pin Photodarlington Optocoupler
Package Outline
Schematic
Note: Different bending options available. See package
dimension.
Features
•
•
•
•
High isolation 5000 VRMS
•
•
•
•
CTR flexibility available see order information
•
•
•
•
DC input with transistor output
•
•
•
•
Temperature range - 55 °C to 100 °C
•
•
•
•
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC – GB4943.1, GB8898
IEC60065, IEC60950
Applications
•
•
•
•
Switch mode power supplies
•
•
•
•
Computer peripheral interface
•
•
•
•
Microprocessor system interface
Description
The 4N29, 4N30, 4N31, 4N32, 4N33, H11B1,
H11B2, H11B3, H11B255, and TIL113 series
consists of a photodarlington transistor optically
coupled to a gallium arsenide Infrared-emitting diode
in a 4-lead DIP package with bending option.


Similar Part No. - H11B2ST2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
H11B2STA-V EVERLIGHT-H11B2STA-V Datasheet
327Kb / 13P
6 PIN PHOTODARLINGTON PHOTOCOUPLER
H11B2STB-V EVERLIGHT-H11B2STB-V Datasheet
327Kb / 13P
6 PIN PHOTODARLINGTON PHOTOCOUPLER
More results

Similar Description - H11B2ST2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
General Purpose 6-Pin Photodarlington Optocoupler
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
6-PIN PHOTODARLINGTON OPTOCOUPLER
logo
CT Micro International ...
CT415 CTMICRO-CT415 Datasheet
1Mb / 10P
DC Input 4-Pin Mini-Flat Photodarlington Optocoupler
CT815 CTMICRO-CT815 Datasheet
1Mb / 14P
DC Input 4-Pin DMC-Isolator Photodarlington Optocoupler
Rev.4 Aug, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com