Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC409 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC409
Description  Very Wideband, Low Distortion Monolithic Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC409 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC409 Datasheet HTML 1Page - National Semiconductor (TI) CLC409 Datasheet HTML 2Page - National Semiconductor (TI) CLC409 Datasheet HTML 3Page - National Semiconductor (TI) CLC409 Datasheet HTML 4Page - National Semiconductor (TI) CLC409 Datasheet HTML 5Page - National Semiconductor (TI) CLC409 Datasheet HTML 6Page - National Semiconductor (TI) CLC409 Datasheet HTML 7Page - National Semiconductor (TI) CLC409 Datasheet HTML 8Page - National Semiconductor (TI) CLC409 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics (Continued)
A
V = +2, VCC = ± 5V, RL = 100
Ω,R
f = 250
Ω; unless specified
Symbol
Parameter
Conditions
Typ
Max/Min
(Note 2)
Units
Static, DC Performance
VIO
Input Offset Voltage (Note 3)
0.5
<8.5
<4.5
<9.5
mV
DVIO
Average Temperature Coefficient
25
<50
-
<50
µV/˚C
IBN
Input Bias Current (Note 3)
Non Inverting
10
<44
<22
<22
µA
DIBN
Average Temperature Coefficient
100
<275
-
<125
nA/˚C
IBI
Input Bias Current (Note 3)
Inverting
10
<36
<20
<30
µA
DIBI
Average Temperature Coefficient
100
<200
-
<100
nA/˚C
PSRR
Power Supply Rejection Ratio
50
>45
>45
>45
dB
CMRR
Common Mode Rejection Ratio
50
>45
>45
>45
dB
ICC
Supply Current (Note 3)
No Load
13.5
<14.2
<14.2
<14.2
mA
Miscellaneous Performance
RIN
Non-Inverting Input Resistance
1000
>250
>500
>1000
k
Ω
CIN
Non-Inverting Input Capacitance
1
<2
<2
<2pF
RO
Output Impedance
DC
0.1
<0.3
<0.2
<0.2
Ω
VO
Output Voltage Range
R
L = 100
Ω
±3.5
>±3.0
>±3.2
>±3.2
V
CMIR
Common Mode Input Range
±2.2
±1.5
±2.0
±2.0
V
IO
Output Current
60
36
50
50
mA
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Max/min ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are determined
from tested parameters.
Note 3: AJ-level: spec. is 100% tested at +25˚C.
Ordering Information
Package
Temperature Range
Industrial
Part Number
Package
Marking
NSC
Drawing
8-pin plastic DIP
−40˚C to +85˚C
CLC409AJP
CLC409AJP
N08E
8-pin plastic SOIC
−40˚C to +85˚C
CLC409AJE
CLC409AJE
M08A
5-pin SOT
−40˚C to +85˚C
CLC409AJM5
A18
MA05A
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com