Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC409 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC409
Description  Very Wideband, Low Distortion Monolithic Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC409 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC409 Datasheet HTML 1Page - National Semiconductor (TI) CLC409 Datasheet HTML 2Page - National Semiconductor (TI) CLC409 Datasheet HTML 3Page - National Semiconductor (TI) CLC409 Datasheet HTML 4Page - National Semiconductor (TI) CLC409 Datasheet HTML 5Page - National Semiconductor (TI) CLC409 Datasheet HTML 6Page - National Semiconductor (TI) CLC409 Datasheet HTML 7Page - National Semiconductor (TI) CLC409 Datasheet HTML 8Page - National Semiconductor (TI) CLC409 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CLC409
Very Wideband, Low Distortion Monolithic Op Amp
General Description
The CLC409 is a very wideband, DC coupled monolithic
operational amplifier designed specifically for wide dynamic
range systems requiring exceptional signal fidelity. Benefit-
ing from National’s current feedback architecture, the
CLC409 offers a gain range of ±1to ±10 while providing
stable, oscillation free operation without external compensa-
tion, even at unity gain.
With its 350MHz small signal bandwidth (V
OUT =2VPP),
10-bit distortion levels through 20MHz (R
L = 100
Ω), 8-bit
distortion levels through 60MHz, 2.2nV/
input referred
noise and 13.5mA supply current, the CLC409 is the ideal
driver or buffer for high speed flash A/D and D/A converters.
Wide dynamic range systems such as radar and communi-
cation receivers requiring a wideband amplifier offering ex-
ceptional signal purity will find the CLC409’s low input re-
ferred noise and low harmonic and intermodulation distortion
make it an attractive high speed solution.
Constructed using an advanced, complimentary bipolar pro-
cess and National’s proven current feedback architecture,
the CLC409 is available in several versions to meet a variety
of requirements.
Enhanced Solutions (Military/Aerospace)
SMD Number: 5962-92034
Space level versions also available.
For more information, visit http://www.national.com/mil
Features
n
350MHz small signal bandwidth
n
-65/−72dBc 2nd/3rd harmonics (20MHz)
n
Low noise
n
8ns settling to 0.1%
n
1200V/µs slew rate
n
13.5mA supply current (±5V)
n
60mA output current
Applications
n
Flash A/D driver
n
D/A transimpedance buffer
n
Wide dynamic range IF amp
n
Radar/communication receivers
n
DDS post-amps
n
Wideband inverting summer
n
Line driver
Harmonic Distortion vs. Load and Frequency
01274804
Connection Diagrams
01274815
Pinout
DIP & SOIC
01274814
Pinout
SOT23-5
September 2002
© 2002 National Semiconductor Corporation
DS012748
www.national.com


Similar Part No. - CLC409

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC409 TI1-CLC409 Datasheet
424Kb / 12P
Very Wideband, Low Distortion Monolithic Op Amp
More results

Similar Description - CLC409

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC406 NSC-CLC406 Datasheet
432Kb / 6P
Wideband, Low Power Monolithic Op Amp
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
Ultra Low Distortion, Wideband Op Amp
LMH6738 NSC-LMH6738 Datasheet
432Kb / 12P
Very Wideband, Low Distortion Triple Op Amp
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
Low Distortion Wideband Op Amp
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
LOW DISTORTION WIDEBAND OP AMP
logo
Cadeka Microcircuits LL...
KH207 CADEKA-KH207 Datasheet
286Kb / 7P
Low Distortion Wideband Op Amp
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
Low Distortion Wideband Op Amp
logo
Texas Instruments
CLC409 TI1-CLC409 Datasheet
424Kb / 12P
Very Wideband, Low Distortion Monolithic Op Amp
LMH6738 TI1-LMH6738 Datasheet
966Kb / 20P
Very Wideband, Low Distortion Triple Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com