Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C51RC2BA/01 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # P89C51RC2BA/01
Description  80C51 8-bit Flash microcontroller family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51RC2BA/01 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button P89C51RC2BA/01 Datasheet HTML 44Page - NXP Semiconductors P89C51RC2BA/01 Datasheet HTML 45Page - NXP Semiconductors P89C51RC2BA/01 Datasheet HTML 46Page - NXP Semiconductors P89C51RC2BA/01 Datasheet HTML 47Page - NXP Semiconductors P89C51RC2BA/01 Datasheet HTML 48Page - NXP Semiconductors P89C51RC2BA/01 Datasheet HTML 49Page - NXP Semiconductors P89C51RC2BA/01 Datasheet HTML 50Page - NXP Semiconductors P89C51RC2BA/01 Datasheet HTML 51Page - NXP Semiconductors P89C51RC2BA/01 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
Philips Semiconductors
Preliminary data
P89C51RA2/RB2/RC2/RD2xx
80C51 8-bit Flash microcontroller family
8KB/16KB/32KB/64KB ISP/IAP Flash with 512B/512B/512B/1KB RAM
2002 Jul 18
48
Table 9.
Intel-Hex Records Used by In-System Programming
RECORD TYPE
COMMAND/DATA FUNCTION
00
Program Data
:nnaaaa00dd....ddcc
Where:
nn
= number of bytes (hex) in record
aaaa
= memory address of first byte in record
dd....dd
= data bytes
cc
= checksum
Example:
:10008000AF5F67F0602703E0322CFA92007780C3FD
01
End of File (EOF), no operation
:xxxxxx01cc
Where:
xxxxxx
= required field, but value is a “don’t care”
cc
= checksum
Example:
:00000001FF
03
Miscellaneous Write Functions
:nnxxxx03ffssddcc
Where:
nn
= number of bytes (hex) in record
xxxx
= required field, but value is a “don’t care”
03
= Write Function
ff
= subfunction code
ss
= selection code
dd
= data input (as needed)
cc
= checksum
Subfunction Code = 01 (Erase 8K/16K Code Blocks)
ff = 01
ss = block code as shown below:
block 0,
0k to
8k, 00H
block 1,
8k to 16k, 20H
(RB2, RC2, RD2)
block 2, 16k to 32k, 40H
(RC2, RD2)
block 3, 32k to 48k, 80H
(RD2 only)
block 4, 48k to 64k, C0H
(RD2 only)
Example:
:0200000301C03A
erase block 4
Subfunction Code = 04 (Erase Boot Vector and Status Byte)
ff = 04
ss = don’t care
Example:
:020000030400F7
erase boot vector and status byte
Subfunction Code = 05 (Program Security Bits)
ff = 05
ss = 00 program security bit 1
(inhibit writing to Flash)
01 program security bit 2
(inhibit Flash verify)
02 program security bit 3
(disable external memory)
Example:
:020000030501F5
program security bit 2
Subfunction Code = 06 (Program Status Byte or Boot Vector)
ff = 06
ss = 00 program status byte
01 program boot vector
02 program FX2 bit (dd = 80)
dd = data
Example 1:
:030000030601FCF7
program boot vector with 0FCH
Example 2:
:0300000306028072
program FX2 bit (select 12-clock mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com