Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C51RC2BA/01 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # P89C51RC2BA/01
Description  80C51 8-bit Flash microcontroller family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51RC2BA/01 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button P89C51RC2BA/01 Datasheet HTML 59Page - NXP Semiconductors P89C51RC2BA/01 Datasheet HTML 60Page - NXP Semiconductors P89C51RC2BA/01 Datasheet HTML 61Page - NXP Semiconductors P89C51RC2BA/01 Datasheet HTML 62Page - NXP Semiconductors P89C51RC2BA/01 Datasheet HTML 63Page - NXP Semiconductors P89C51RC2BA/01 Datasheet HTML 64Page - NXP Semiconductors P89C51RC2BA/01 Datasheet HTML 65Page - NXP Semiconductors P89C51RC2BA/01 Datasheet HTML 66Page - NXP Semiconductors P89C51RC2BA/01 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
Philips Semiconductors
Preliminary data
P89C51RA2/RB2/RC2/RD2xx
80C51 8-bit Flash microcontroller family
8KB/16KB/32KB/64KB ISP/IAP Flash with 512B/512B/512B/1KB RAM
2002 Jul 18
63
VCC
P0
EA
RST
XTAL1
XTAL2
VSS
VCC
VCC
VCC
ICC
(NC)
CLOCK SIGNAL
P89C51RA2xx
P89C51RB2xx
P89C51RC2xx
P89C51RD2xx
SU01478
Figure 52. ICC Test Condition, Active Mode, Tamb = 25 °C.
All other pins are disconnected
VCC
P0
RST
XTAL1
XTAL2
VSS
VCC
VCC
ICC
(NC)
CLOCK SIGNAL
EA
SU01479
P89C51RA2xx
P89C51RB2xx
P89C51RC2xx
P89C51RD2xx
Figure 53. ICC Test Condition, Idle Mode, Tamb = 25 °C.
All other pins are disconnected
VCC–0.5
0.5V
tCHCL
tCLCL
tCLCH
tCLCX
tCHCX
SU01297
Figure 54. Clock Signal Waveform for ICC Tests in Active
and Idle Modes.
tCLCL = tCHCL = 10 ns
VCC
P0
RST
XTAL1
XTAL2
VSS
VCC
VCC
ICC
(NC)
EA
SU01480
P89C51RA2xx
P89C51RB2xx
P89C51RC2xx
P89C51RD2xx
Figure 55. ICC Test Condition, Power Down Mode.
All other pins are disconnected; VCC = 2 V to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com