Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR320 Datasheet(PDF) 1 Page - Comchip Technology

Part # SR320
Description  3.0 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SR320 Datasheet(HTML) 1 Page - Comchip Technology

  SR320 Datasheet HTML 1Page - Comchip Technology SR320 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Voltage: 20 - 100 Volts
Current: 3.0 Amps
SR320 Thru SR3100
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
Mechanical data
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-
202, method 208 guranteed
Polarity: Color band denotes cathode end
Weight: 1.10 grams
3.0 Amp Schottky Barrier Rectifiers
3.0 Amp Schottky Barrier Rectifiers
www.comchiptech.com
COMCHIP
COMCHIP
Maximum Ratings and Electrical Characterics
MDS0305002A
Page 1
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.048(1.2)
DIA.
.220(5.6)
.197(5.0)
DIA.
DO-201AD
Dimensions in inches and (millimeters)
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
NOTES:
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 3.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
A
A
V
mA
mA
pF
3.0
80
3.0
30
20
-65
+125
-65
+150
-65
+150
0.55
0.70
250
SR320 SR330 SR340 SR350 SR360 SR380 SR3100 UNITS
20
30
40
50
60
80
100
V
20
30
40
50
60
80
100
V
14
21
28
35
42
56
70
V
0.70
0.85
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W


Similar Part No. - SR320

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR320 WTE-SR320 Datasheet
47Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR320 RECTRON-SR320 Datasheet
230Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes)
logo
Bytes
SR320 BYTES-SR320 Datasheet
153Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
SR320 CHENYI-SR320 Datasheet
165Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR320 FORMOSA-SR320 Datasheet
33Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR320

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SR320P FORMOSA-SR320P Datasheet
62Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
SMC320 FCI-SMC320 Datasheet
127Kb / 2P
3.0 Amp SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM3200B SECOS-SM3200B_11 Datasheet
102Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
SR3200 SECOS-SR3200_05 Datasheet
147Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
SM3200B SECOS-SM3200B_15 Datasheet
89Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR3100-3A-751-DO-27 DGNJDZ-SR3100-3A-751-DO-27 Datasheet
273Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3100-3A-DO-27 DGNJDZ-SR3100-3A-DO-27 Datasheet
256Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3200V-3A-DO-27 DGNJDZ-SR3200V-3A-DO-27 Datasheet
256Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB330-3A-DO-27 DGNJDZ-SB330-3A-DO-27 Datasheet
281Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB3150-3A-DO-27 DGNJDZ-SB3150-3A-DO-27 Datasheet
281Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com