Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906 Datasheet(PDF) 4 Page - Comchip Technology

Part # MMBT3906
Description  General Purpose Transistor (PNP)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT3906 Datasheet(HTML) 4 Page - Comchip Technology

  MMBT3906 Datasheet HTML 1Page - Comchip Technology MMBT3906 Datasheet HTML 2Page - Comchip Technology MMBT3906 Datasheet HTML 3Page - Comchip Technology MMBT3906 Datasheet HTML 4Page - Comchip Technology MMBT3906 Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MDS030600
2A
Page 4
COMCHIP
www.comchiptech.com
General Purpose Transistor
Rating and Characteristic Curves (MMBT3906)
TYPICAL AUDIO SMALL–SIGNAL CHARACTERISTICS
NOISE FIGURE VARIATIONS
(VCE = –5.0 Vdc, TA = 25°C, Bandwidth = 1.0 Hz)
Figure 7.
f, Frequency (kHz)
2.0
3.0
4.0
5.0
1.0
0.1
Figure 8.
Rg, Source Resistance (k OHMS)
0
1.0
2.0
4.0
10
20
40
0.2
0.4
0
100
4
6
8
10
12
2
0.1
1.0
2.0
4.0
10
20
40
0.2
0.4
100
f = 1.0 kHz
IC = 1.0 mA
IC = 0.5 mA
IC = 50 mA
IC = 100 mA
SOURCE RESISTANCE = 200
W
IC = 1.0 mA
SOURCE RESISTANCE = 200
W
IC = 0.5 mA
SOURCE RESISTANCE = 2.0 k
IC = 100 mA
SOURCE RESISTANCE = 2.0 k
IC = 50 mA
h PARAMETERS
(VCE = –10 Vdc, f = 1.0 kHz, TA = 25°C)
Figure 9. Current Gain
IC, Collector Current (mA)
70
100
200
300
50
Figure 10. Output Admittance
IC, Collector Current (mA)
Figure 11. Input Impedance
I C, Collector Current (mA)
Figure 12. Voltage Feedback Ratio
IC, Collector Current (mA)
30
100
50
10
20
2.0
3.0
5.0
7.0
10
1.0
0.1
0.2
1.0
2.0
5.0
0.5
10
0.3
0.5
3.0
0.7
2.0
5.0
10
20
1.0
0.2
0.5
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
7
5
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
70
30
0.7
7.0
0.7
7.0
7.0
3.0
0.7
0.3
0.7
7.0
0.7
7.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com