Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906 Datasheet(PDF) 5 Page - Comchip Technology

Part # MMBT3906
Description  General Purpose Transistor (PNP)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT3906 Datasheet(HTML) 5 Page - Comchip Technology

  MMBT3906 Datasheet HTML 1Page - Comchip Technology MMBT3906 Datasheet HTML 2Page - Comchip Technology MMBT3906 Datasheet HTML 3Page - Comchip Technology MMBT3906 Datasheet HTML 4Page - Comchip Technology MMBT3906 Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MDS030600
2A
Page 5
COMCHIP
www.comchiptech.com
General Purpose Transistor
General Purpose Transistor
Rating and Characteristic Curves (MMBT3906)
TYPICAL STATIC CHARACTERISTICS
Figure 13. DC Current Gain
IC, Collector Current (mA)
0.3
0.5
0.7
1.0
2.0
0.2
0.1
0.5
2.0
3.0
10
50
70
0.2
0.3
0.1
100
1.0
0.7
200
30
20
5.0
7.0
VCE = 1.0 V
TJ = +125°C
+25
°C
–55
°C
Figure 14. Collector Saturation Region
IB, Base Current (mA)
0.4
0.6
0.8
1.0
0.2
0.1
0.5
2.0
3.0
10
0.2
0.3
0
1.0
0.7
5.0
7.0
IC = 1.0 mA
TJ = 25°C
0.07
0.05
0.03
0.02
0.01
10 mA
30 mA
100 mA
Figure 15. “ON” Voltages
IC, Collector Current (mA)
0.4
0.6
0.8
1.0
0.2
Figure 16. Temperature Coefficients
IC, Collector Current (mA)
1.0
2.0
5.0
10
20
50
0
100
– 0.5
0
0.5
1.0
0
60
80
120
140
160
180
20
40
100
200
– 1.0
– 1.5
– 2.0
200
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 1.0 V
+25
°C TO +125°C
–55
°C TO +25°C
+25
°C TO +125°C
–55
°C TO +25°C
qVC FOR VCE(sat)
qVB FOR VBE(sat)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com