Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD40011CD Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

Part # LD40011CD
Description  4.00 inch Single Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD40011CD Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LD40011CD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD40011CD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD40011CD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121755
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 4.00 inch Single Digit 7 Segment LED Display
LD40011C/D Series – 4.00 inch Single Digit 7 Segment LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
101.60 mm (4.00 inch) digit high
Excellent digit appearance
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White segment, black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative face and segment color
Alternative font
Both CA and CC versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
60.00
E
C
107.00
5.08*4=20.32
0.80
90.00
PIN 1
DP
D
10.00
G
B
F
A
10.0
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm(0.01inch)unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Similar Part No. - LD40011CD

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD40011AB LIGHTKEY-LD40011AB Datasheet
165Kb / 3P
4.00 inch Single Digit 7 Segment LED Display
LD40011AD LIGHTKEY-LD40011AD Datasheet
165Kb / 3P
4.00 inch Single Digit 7 Segment LED Display
LD40011AG LIGHTKEY-LD40011AG Datasheet
165Kb / 3P
4.00 inch Single Digit 7 Segment LED Display
LD40011AO LIGHTKEY-LD40011AO Datasheet
165Kb / 3P
4.00 inch Single Digit 7 Segment LED Display
LD40011APG LIGHTKEY-LD40011APG Datasheet
165Kb / 3P
4.00 inch Single Digit 7 Segment LED Display
More results

Similar Description - LD40011CD

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5011AB LIGHTKEY-LD5011AB Datasheet
151Kb / 3P
0.50 inch Single Digit 7 Segment LED Display
LD5011ABRG LIGHTKEY-LD5011ABRG Datasheet
92Kb / 3P
0.50 inch Single Digit 7 Segment LED Display
LD5022AB LIGHTKEY-LD5022AB Datasheet
171Kb / 3P
0.50 inch Single Digit 7 Segment LED Display
LD6011AB LIGHTKEY-LD6011AB Datasheet
160Kb / 3P
0.60 inch Single Digit 7 Segment LED Display
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
1.00 inch Single Digit 7 Segment LED Display
LD10016AB LIGHTKEY-LD10016AB Datasheet
156Kb / 3P
1.00 inch Single Digit 7 Segment LED Display
LD10016CD LIGHTKEY-LD10016CD Datasheet
157Kb / 3P
1.00 inch Single Digit 7 Segment LED Display
LD23011AB LIGHTKEY-LD23011AB Datasheet
158Kb / 3P
2.30 inch Single Digit 7 Segment LED Display
LD30012IJ LIGHTKEY-LD30012IJ Datasheet
168Kb / 3P
3.00 inch Single Digit 7 Segment LED Display
LD40011AB LIGHTKEY-LD40011AB Datasheet
165Kb / 3P
4.00 inch Single Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com