Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD40011CD Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD40011CD
Description  4.00 inch Single Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD40011CD Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD40011CD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD40011CD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD40011CD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121755
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 4.00 inch Single Digit 7 Segment LED Display
Internal Circuit Diagram
LD40011C (Common Cathode)
LD40011D (Common Anode)
7
A
4
6
C
B
D
29
3
E
F
5
10
G
DP
1,8
A
7
C
B
6
D
4
2
E
3
F
9
G
10
DP
5
1,8
Selection Guide
Single Digit 7 Segment LED Display, Digit Height: 101.60mm(4.00inch), External Dimensions:
90.00x122.00x15.00mm (L x W x H )
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
CC
CA
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD40011CR
LD40011DR
GaAlAs
Super Red
640
48
60
12
15
LD40011CD
LD40011DD
GaAlAs
Hi-Red
640
108
150
27
37.5
LD40011CO
LD40011DO
GaAsP
Orange
625
42
54
10.5
13.5
LD40011CY
LD40011DY
GaAsP
Yellow
588
48
60
12
15
LD40011CG
LD40011DG
GaP
Green
568
42
54
10.5
13.5
LD40011CUR
LD40011DUR
AlGaInP
Ultra Red
640
180
270
45
67.5
LD40011CUO
LD40011DUO
AlGaInP
Ultra Orange
625
270
360
67.5
90
LD40011CUA
LD40011DUA
AlGaInP
Ultra Amber
605
180
270
45
67.5
LD40011CUY
LD40011DUY
AlGaInP
Ultra Yellow
595
180
270
45
67.5
LD40011CUG
LD40011DUG
AlGaInP
Ultra Green
573
180
270
45
67.5
LD40011CPG
LD40011DPG
InGaN
Pure Green
525
720
1800
180
450
LD40011CUB
LD40011DUB
InGaN
Ultra Blue
470
180
270
45
67.5
LD40011CUW
LD40011DUW
SMD
Ultra White
\
600
720
150
180
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com