Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUD48A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUD48A
Description  High Voltage Capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUD48A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUD48A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUD48A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
BUD48A
DESCRIPTION
·High Voltage Capability
·High Current Capability
·Fast Switching Speed
APPLICATIONS
Designed for high-voltage,high-speed, power switching in
inductive circuits where fall time is critical. They are partic-
ulary suited for line-operated swtchmode applications such
as:
·Switching regulators
·Inverters
·Solenoid and relay drivers
·Motor controls
·Deflection circuits
Absolute maximum ratings(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCEX
Collector-Emitter Voltage
(VBE= -1.5V)
850
V
VCEO
Collector-Emitter Voltage
450
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
15
A
ICM
Collector Current-Peak
30
A
IB
Base Current-Continuous
4
A
IBM
Base Current-peak
20
A
PC
Collector Power Dissipation
@TC=25℃
175
W
Tj
Junction Temperature
200
℃
Tstg
Storage Temperature Range
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.0
℃/W


Similar Part No. - BUD48A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUD42D ONSEMI-BUD42D Datasheet
193Kb / 14P
High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability
August, 2003 ??Rev. 2
BUD42D ONSEMI-BUD42D Datasheet
184Kb / 12P
High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
BUD42D-1 ONSEMI-BUD42D-1 Datasheet
193Kb / 14P
High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability
August, 2003 ??Rev. 2
BUD42DT4 ONSEMI-BUD42DT4 Datasheet
193Kb / 14P
High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability
August, 2003 ??Rev. 2
BUD42DT4G ONSEMI-BUD42DT4G Datasheet
184Kb / 12P
High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
More results

Similar Description - BUD48A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJP3305H2 FAIRCHILD-FJP3305H2 Datasheet
288Kb / 6P
High Voltage Capability
logo
Inchange Semiconductor ...
BUX98P ISC-BUX98P Datasheet
205Kb / 2P
High Voltage Capability
logo
STMicroelectronics
STT13005FP STMICROELECTRONICS-STT13005FP Datasheet
268Kb / 10P
High voltage capability
September 2009 Rev 2
TRD136D STMICROELECTRONICS-TRD136D Datasheet
387Kb / 12P
High voltage capability
28-Jun-2011
TRD236D STMICROELECTRONICS-TRD236D Datasheet
247Kb / 12P
High voltage capability
June 2011 Rev 1
logo
Central Semiconductor C...
CDM3-800 CENTRAL-CDM3-800 Datasheet
967Kb / 4P
High voltage capability
CDM7-600LR CENTRAL-CDM7-600LR Datasheet
1Mb / 4P
High voltage capability
CDM2205-800FP CENTRAL-CDM2205-800FP Datasheet
932Kb / 4P
High voltage capability
CDM22011-600LRFP CENTRAL-CDM22011-600LRFP Datasheet
985Kb / 4P
High voltage capability
logo
Shenzhen hui lida elect...
MJE13003 HUILIDA-MJE13003 Datasheet
1Mb / 3P
HIGH VOLTAGE CAPABILITY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com