Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZRB2012 Datasheet(PDF) 1 Page - Comchip Technology

Part # CZRB2012
Description  Surface Mount Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRB2012 Datasheet(HTML) 1 Page - Comchip Technology

  CZRB2012 Datasheet HTML 1Page - Comchip Technology CZRB2012 Datasheet HTML 2Page - Comchip Technology CZRB2012 Datasheet HTML 3Page - Comchip Technology CZRB2012 Datasheet HTML 4Page - Comchip Technology CZRB2012 Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Voltage: 11 - 100 Volts
Power: 2.0 Watt
CZRB2011 Thru CZRB2100
Features
- For surf ace mounted applications in order to
optimize board space
- Low profile package
- Built-in strain relief
- Glass passivated junction
- Low inductance
- Excellent clamping capability
- Typical I less than 1uA above 11V
D
- High temperature soldering 260°C /10
seconds at terminals
- Plastic package has underwriters laboratory
flammability classification 94V-O
Mechanical data
- Case: JEDEC DO-214AA, Molded plastic
over passivated junction
- Terminals: Solder plated, solderable per MIL-
STD-750, method 2026
- Polarity: Color band denotes positive end
(cathode) except Bidirectional
- Standard Packaging: 12mm tape (EIA-481)
- Weight: 0.002 ounce, 0.064 gram
Surface Mount Zener Diode
www.comchip.com.tw
COMCHIP
COMCHIP
Maximum Ratings and Electrical Characterics
MDS0302004A
Page 1
Rating
Symbol
Value
Units
Peak Pulse Power Dissipation (Note A)
2
Watts
Derate above 75°C
24
mW/°C
Peak forward Surge Current 8.3ms single half s ine-wave superimposed
on rated load (JEDEC Method) (Note B)
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 to +150
°C
PD
15
Amps
Ratings at 25°C ambient temperature unless otherwise specified.
IFSM
SMB/DO-214AA
Dimensions in inches and (maillimeter)
0.008(0.20)
0.203(0.10)
0.083(2.11)
0.075(1.91)
0.096(2.44)
0.083(2.13)
0.050(1.27)
0.030(0.76)
0.155(3.94)
0.130(3.30)
0.185(4.70)
0.160(4.06)
0.012(0.31)
0.006(0.15)
0.220(5.59)
0.200(5.08)


Similar Part No. - CZRB2012

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRB2110 COMCHIP-CZRB2110 Datasheet
66Kb / 3P
Surface Mount Zener Diodes
CZRB2115 COMCHIP-CZRB2115 Datasheet
66Kb / 3P
Surface Mount Zener Diodes
CZRB2120 COMCHIP-CZRB2120 Datasheet
66Kb / 3P
Surface Mount Zener Diodes
CZRB2130 COMCHIP-CZRB2130 Datasheet
66Kb / 3P
Surface Mount Zener Diodes
CZRB2140 COMCHIP-CZRB2140 Datasheet
66Kb / 3P
Surface Mount Zener Diodes
More results

Similar Description - CZRB2012

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
Surface Mount Zener Diode
logo
Galaxy Semi-Conductor H...
BZT52C2V0S BILIN-BZT52C2V0S Datasheet
228Kb / 4P
Surface mount zener diode
BZT52C2V4 BILIN-BZT52C2V4 Datasheet
232Kb / 4P
Surface mount zener diode
logo
Microdiode Semiconducto...
BZT52C2V7 CHENDA-BZT52C2V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C4V7 CHENDA-BZT52C4V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C8V2 CHENDA-BZT52C8V2 Datasheet
283Kb / 4P
Surface mount zener diode
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
188Kb / 3P
Surface mount zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com