Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZRB2012 Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRB2012
Description  Surface Mount Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRB2012 Datasheet(HTML) 2 Page - Comchip Technology

  CZRB2012 Datasheet HTML 1Page - Comchip Technology CZRB2012 Datasheet HTML 2Page - Comchip Technology CZRB2012 Datasheet HTML 3Page - Comchip Technology CZRB2012 Datasheet HTML 4Page - Comchip Technology CZRB2012 Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.comchip.com.tw
COMCHIP
COMCHIP
MDS0302004A
Page 2
Surface Mount Zener Diode
Rating and Characteristic Curevs (CZRB2011 Thru CZRB2100)
IZK
VR
(Volts)
(mA)
(Ohms)
(Ohms)
(mA)
(uA)
(Volts)
(mA)
Ir - mA
CZRB2011
11
45.5
4
700
0.25
1.0
8.4
166
1.82
CZRB2012
12
41.5
4.5
700
0.25
1.0
9.1
152
1.66
CZRB2013
13
38.5
5
700
0.25
0.5
9.9
138
1.54
CZRB2014
14
35.7
5.5
700
0.25
0.5
10.6
130
1.43
CZRB2015
15
33.4
7
700
0.25
0.5
11.4
122
1.33
CZRB2016
16
31.2
8
700
0.25
0.5
12.2
114
1.25
CZRB2017
17
29.4
9
750
0.25
0.5
13
107
1.18
CZRB2018
18
27.8
10
750
0.25
0.5
13.7
100
1.11
CZRB2019
19
26.3
11
750
0.25
0.5
14.4
95
1.05
CZRB2020
20
25
11
750
0.25
0.5
15.2
90
1.00
CZRB2022
22
22.8
12
750
0.25
0.5
16.7
82
0.91
CZRB2024
24
20.8
13
750
0.25
0.5
18.2
76
0.83
CZRB2027
27
18.5
18
750
0.25
0.5
20.6
68
0.74
CZRB2030
30
16.6
20
1000
0.25
0.5
22.5
60
0.67
CZRB2033
33
15.1
23
1000
0.25
0.5
25.1
55
0.61
CZRB2036
36
13.9
25
1000
0.25
0.5
27.4
50
0.56
CZRB2039
39
12.8
30
1000
0.25
0.5
29.7
47
0.51
CZRB2043
43
11.6
35
1500
0.25
0.5
32.7
43
0.45
CZRB2047
47
10.6
40
1500
0.25
0.5
35.6
39
0.42
CZRB2051
51
9.8
48
1500
0.25
0.5
38.8
36
0.39
CZRB2056
56
9
55
2000
0.25
0.5
42.6
32
0.36
CZRB2062
62
8.1
60
2000
0.25
0.5
47.1
29
0.32
CZRB2068
68
7.4
75
2000
0.25
0.5
51.7
27
0.29
CZRB2075
75
6.7
90
2000
0.25
0.5
56
24
0.27
CZRB2082
82
6.1
100
3000
0.25
0.5
62.2
22
0.24
CZRB2091
91
5.5
125
3000
0.25
0.5
69.2
20
0.22
CZRB2100
100
5
175
3000
0.25
0.5
76
18
0.20
NOTE:
ELECTRICAL CHARACTERISTICS
(TA=25°C unless otherwise noted) (VF=1.2Volts Max, IF=500mA for all types.)
Device
(Note 1.)
Nominal
Zener
Voltage VZ
@ IZT
(Note 2.)
Test
current
IZT
Maximum Zener Impedance
(Note 3.)
Leakage Current
Surge
Current
@TA=25°C
(Note 4.)
ZZT @ IZT
ZZK @ IZK
IR
Maximum
Zener
Current IZM
1. TOLERANCES - Suffix indicates 5% tol erance any other tolerance will be considered as a special devic e.
2. ZENER VOLTAGE (Vz) MEASUREMENT - guarantees the zener voltage when m easured at 40 ms ± 10ms
from the diode body, and an ambient temperat ure of 25 °C (+ 8 °C , -2 °C ).
3.ZENER IMPEDANCE (Zz) DERIVATION - The zener im pedance is derived from the 60 cycle ac voltage,
which results when an ac current having an rms falue equal to 10% of the dc zener current (IZT or IZK) is
superimposed on IZT or IZK.
4. SURGE CURRENT (Ir) NON-REPETITIVE - The rating li sted in the electrical characteris tics table is
maximum peak, non-repetitive, reverse surge c urrent of 1/2 square wave or equivalent sine wave pulse
of 1/120 second duration superimposed on the tes t current, IZT, per JEDEC standards, however, actual
device capability is as described in Figure 3.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com