Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT4504VST2 Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # CT4504VST2
Description  High CMR, 1Mbit/s High Speed Optocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT4504VST2 Datasheet(HTML) 3 Page - CT Micro International Corporation

  CT4504VST2 Datasheet HTML 1Page - CT Micro International Corporation CT4504VST2 Datasheet HTML 2Page - CT Micro International Corporation CT4504VST2 Datasheet HTML 3Page - CT Micro International Corporation CT4504VST2 Datasheet HTML 4Page - CT Micro International Corporation CT4504VST2 Datasheet HTML 5Page - CT Micro International Corporation CT4504VST2 Datasheet HTML 6Page - CT Micro International Corporation CT4504VST2 Datasheet HTML 7Page - CT Micro International Corporation CT4504VST2 Datasheet HTML 8Page - CT Micro International Corporation CT4504VST2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 3
Jul, 2015
CT4504
High CMR, 1Mbit/s High Speed Optocoupler
Electrical Characteristics
TA = 0 - 70°C (unless otherwise specified). Typical values are measured at TA = 250C and VCC=5V
Emitter Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward voltage
IF = 16mA
-
1.45
1.6
V
VR
Reverse Voltage
IR = 10µA
5.0
-
-
V
VF/ TA
Temperature coefficient of forward
voltage
IF =16mA
-
-1.8
-
mV/°C
Detector Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
IOH
Logic High Output Current
IF=0mA, VO=VCC=5.5V,
TA=25°C
-
0.001
0.5
µA
IF=0mA, VO=VCC=15V,
TA=25°C
-
0.01
1
IF=0mA, VO=VCC=15V
-
-
50
ICCL
Logic Low Supply Current
IF=16mA, VO=Open,
VCC=15V
-
140
200
µA
ICCH
Logic High Supply Current
IF=0mA, VO=Open, VCC=15V,
TA=25°C
-
0.01
1
µA
IF=0mA, VO=Open,
VCC=15V
-
-
2
Transfer Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
CTR
Current Transfer Ratio
IF=16mA, VO=0.4V, VCC=4.5V,
TA=25°C
25
35
60
%
IF=16mA, VO=0.5V,VCC=4.5V
21
40
-
IF=12mA, VO=0.4V, VCC=4.5V,
TA=25°C
26
38
65
IF=12mA, VO=0.5V,VCC=4.5V
22
43
-
VOL
Logic Low Output Voltage
IF=16mA,IO=4.0mA,
VCC=4.5V, TA=25°C
-
0.2
0.4
V
IF=16mA, IO=3.3mA,
VCC=4.5V
-
-
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com