Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT4504VST2 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CT4504VST2
Description  High CMR, 1Mbit/s High Speed Optocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT4504VST2 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CT4504VST2 Datasheet HTML 1Page - CT Micro International Corporation CT4504VST2 Datasheet HTML 2Page - CT Micro International Corporation CT4504VST2 Datasheet HTML 3Page - CT Micro International Corporation CT4504VST2 Datasheet HTML 4Page - CT Micro International Corporation CT4504VST2 Datasheet HTML 5Page - CT Micro International Corporation CT4504VST2 Datasheet HTML 6Page - CT Micro International Corporation CT4504VST2 Datasheet HTML 7Page - CT Micro International Corporation CT4504VST2 Datasheet HTML 8Page - CT Micro International Corporation CT4504VST2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 1
Jul, 2015
CT4504
High CMR, 1Mbit/s High Speed Optocoupler
Package Outline
Schematic
Note: Different bending options available. See package
dimension.
Features
•
•
•
•
High speed 1Mbit/s
•
•
•
•
High isolation voltage between input and output
(Viso=5000 Vrms )
•
•
•
•
Guaranteed CTR performance from 0°C to 70°C
•
•
•
•
Wide operating temperature range of -55°C to
100°C
•
•
•
•
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC – GB4943.1, GB8898
IEC60065, IEC60950
Applications
•
•
•
•
Line receivers
•
•
•
•
Telecommunication equipment
•
•
•
•
Feedback loop in switch-mode power supplies
•
•
•
•
Home appliances
•
•
•
•
High speed logic ground isolation
Description
The CT4504 series devices consist of an infrared
emitting diode, optically coupled to a high speed
photo detector transistor. A separate connection for
the photodiode bias and output-transistor collector
increase the speed by several orders of magnitude
over
conventional
phototransistor
couplers
by
reducing the base-collector capacitance of the input
transistor.
The devices are packaged in an 8-pin DIP package
and also available in gullwing (400mil) and surface
mount lead forming.


Similar Part No. - CT4504VST2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
CT450 ALLEGRO-CT450 Datasheet
2Mb / 29P
XtremeSense™ TMR Contactless Current Sensor with 1 MHz Bandwidth and Programmable Gain
March 6, 2024
CT450-H00DRSN08 ALLEGRO-CT450-H00DRSN08 Datasheet
2Mb / 29P
XtremeSense™ TMR Contactless Current Sensor with 1 MHz Bandwidth and Programmable Gain
March 6, 2024
CT450-H00DRTS08 ALLEGRO-CT450-H00DRTS08 Datasheet
2Mb / 29P
XtremeSense™ TMR Contactless Current Sensor with 1 MHz Bandwidth and Programmable Gain
March 6, 2024
CT450-H00MRSN08 ALLEGRO-CT450-H00MRSN08 Datasheet
2Mb / 29P
XtremeSense™ TMR Contactless Current Sensor with 1 MHz Bandwidth and Programmable Gain
March 6, 2024
CT450-H00MRTS08 ALLEGRO-CT450-H00MRTS08 Datasheet
2Mb / 29P
XtremeSense™ TMR Contactless Current Sensor with 1 MHz Bandwidth and Programmable Gain
March 6, 2024
More results

Similar Description - CT4504VST2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL045X EVERLIGHT-EL045X Datasheet
390Kb / 14P
8 PIN SOP HIGH SPEED 1Mbit/s
logo
ISOCOM COMPONENTS
ICPLW135 ISOCOM-ICPLW135 Datasheet
679Kb / 14P
High Speed 1Mbit/s
logo
CT Micro International ...
6N135 CTMICRO-6N135 Datasheet
1Mb / 16P
1Mbit/s High Speed Phototransistor Optocoupler
logo
Broadcom Corporation.
ACPL-P454 BOARDCOM-ACPL-P454 Datasheet
279Kb / 13P
High CMR High-Speed Optocoupler
ACPL-P611 BOARDCOM-ACPL-P611 Datasheet
653Kb / 15P
High CMR, High-Speed TTL Compatible Optocoupler
ACPL-W611 BOARDCOM-ACPL-W611 Datasheet
653Kb / 15P
High CMR, High-Speed TTL Compatible Optocoupler
logo
Everlight Electronics C...
EL4504 EVERLIGHT-EL4504 Datasheet
1Mb / 14P
HIGH CMR HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
May 13, 2013
logo
Skyworks Solutions Inc.
OLH500 SKYWORKS-OLH500 Datasheet
332Kb / 6P
High CMR, High-Speed Logic Gate Hermetic Optocoupler
April 17, 2017
OLH5600 SKYWORKS-OLH5600 Datasheet
320Kb / 6P
Hermetic High CMR/High-Speed Optocoupler
April 17, 2017
OLH5630 SKYWORKS-OLH5630 Datasheet
321Kb / 6P
Hermetic High CMR/High-Speed Dual-Channel Optocoupler
April 17, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com