Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC412AMC Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC412AMC
Description  Dual Wideband Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC412AMC Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC412AMC Datasheet HTML 1Page - National Semiconductor (TI) CLC412AMC Datasheet HTML 2Page - National Semiconductor (TI) CLC412AMC Datasheet HTML 3Page - National Semiconductor (TI) CLC412AMC Datasheet HTML 4Page - National Semiconductor (TI) CLC412AMC Datasheet HTML 5Page - National Semiconductor (TI) CLC412AMC Datasheet HTML 6Page - National Semiconductor (TI) CLC412AMC Datasheet HTML 7Page - National Semiconductor (TI) CLC412AMC Datasheet HTML 8Page - National Semiconductor (TI) CLC412AMC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CLC412 Electrical Characteristics (A
V = +2; Rf = 634
Ω
Ω
Ω
Ω
Ω; V
CC = ±5V; RL = 100
Ω
Ω
Ω
Ω
Ω)
PARAMETERS
CONDITIONS
TYP
MIN/MAX RATINGS
UNITS
SYMBOL
Ambient Temperature
CLC412 AJ
+25°C
-40°C
+25°C
+85°C
FREQUENCY DOMAIN RESPONSE
-3dB bandwidth
Vout < 0.5Vpp
250
150
175
135
MHz
SSBW
Vout < 4.0Vpp
105
80
80
65
MHz
LSBW
gain flatness
V
out < 0.5Vpp
peaking
DC to 30MHz
0.1
0.1
0.1
0.2
dB
GFP
rolloff
DC to 30MHz
0.1
0.4
0.3
0.3
dB
GFR
linear phase deviation
DC to 75MHz
0.5
1.3
1.0
1.0
deg
LPD
differential gain
4.43MHz, RL=150
Ω
0.02
0.04
0.04
0.08
%
DG
differential phase
4.43MHz, RL=150
Ω
0.02
0.04
0.04
0.08
deg
DP
TIME DOMAIN RESPONSE
rise and fall time
0.5V step
1.4
2.3
2.0
2.6
ns
TRS
4V step
3.2
4.4
4.4
4.8
ns
TRL
settling time to 0.05%
2V step
12
18
18
20
ns
TSS
overshoot
0.5V step
8
15
15
15
%
OS
slew rate
2V step
1300
1000
1000
800
V/
µsSR
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
2Vpp, 20MHz
- 46
- 42
- 42
- 38
dBc
HD2
3rd harmonic distortion
2Vpp, 20MHz
- 50
- 46
- 46
- 42
dBc
HD3
3rd order intermodulation intercept
10MHz
43
dBm
1Hz
IMD
equivalent noise input
non-inverting voltage
>1MHz
3.0
3.4
3.4
3.8
nV/
√Hz VN
inverting current
>1MHz
12.0
13.9
13.9
15.5
pA/
√Hz NICN
non-inverting current
>1MHz
2.0
2.6
2.6
3.0
pA/
√Hz ICN
noise floor
>1MHz
- 157
- 156
- 156
- 155
dBm1Hz
SNF
crosstalk
input-referred 10MHz
- 76
- 70
- 70
- 70
dB
XTLKA
STATIC DC PERFORMANCE
*input offset voltage
± 2
± 10
± 6
± 12
mV
VIO
average drift
± 30
± 60
____
±60
µV/°C
DVIO
*input bias current
non-inverting
±5
± 28
± 12
± 12
µAIBN
average drift
± 30
± 187
____
± 90
nA/°C
DIBN
*input bias current
inverting
± 3
± 34
± 15
± 20
mA
IBI
average drift
± 20
± 125
____
± 80
nA/°C
DIBI
power supply rejection ratio
DC
50
46
46
44
dB
PSRR
common mode rejection ratio
DC
50
45
45
43
dB
CMRR
*supply current
R
L=
∞
10.2
13.6
12.8
12.8
mA
ICC
MISCELLANEOUS PERFORMANCE
input resistance
non-inverting
1000
300
500
500
k
Ω
RIN
input capacitance
non-inverting
1.0
2.0
2.0
2.0
pF
CIN
output resistance
closed loop
0.04
0.6
0.3
0.2
Ω
ROUT
output voltage range
RL=
∞
+ 3.8,-3.3
+ 3.6,-2.9 + 3.7,-3.0
+ 3.7,-3.0
VVO
RL=100
Ω
+ 3.1,-2.9
+ 2.0,-2.5 ± 2.7
± 2.7
V
VOL
R
L=100
Ω
(0° to 70°C)
+ 2.5,-2.6
V
VOLC
input voltage range
common mode
± 2.2
± 1.4
± 2.0
± 2.0
V
CMIR
output current
70
25
45
45
mA
IO
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels
are determined from tested parameters.
http://www.national.com
2
Absolute Maximum Ratings
Miscellaneous Ratings
Vcc
±7V
Iout
short circuit protected to ground, however maximum reliabiliy
is obtained if Iout does not exceed...
125mA
common-mode input voltage
±Vcc
maximum junction temperature
+150°C
operating temperature range: AJ
-40°C to +85°C
storage temperature range
-65°C to +150°C
lead temperature (soldering 10 sec)
+300°C
ESD (100V machine test)
1000V
Recommended gain range
±1 to ±10V/V
Notes:
* AJ : 100% tested at +25°C.
Reliability Information
Transistor count
68
Package Thermal Resistance
Package
θθθθθ
JC
θθθθθ
JA
AJP
70°C/W
125°C/W
AJE
65°C/W
145°C/W
A8B
40°C/W
130°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com