Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC412AMC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC412AMC
Description  Dual Wideband Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC412AMC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC412AMC Datasheet HTML 1Page - National Semiconductor (TI) CLC412AMC Datasheet HTML 2Page - National Semiconductor (TI) CLC412AMC Datasheet HTML 3Page - National Semiconductor (TI) CLC412AMC Datasheet HTML 4Page - National Semiconductor (TI) CLC412AMC Datasheet HTML 5Page - National Semiconductor (TI) CLC412AMC Datasheet HTML 6Page - National Semiconductor (TI) CLC412AMC Datasheet HTML 7Page - National Semiconductor (TI) CLC412AMC Datasheet HTML 8Page - National Semiconductor (TI) CLC412AMC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
N
CLC412
Dual Wideband Video Op Amp
General Description
The CLC412 combines a high-speed complementary bipolar process
with National's current-feedback topology to produce a very high-
speed dual op amp. The CLC412 provides a 250MHz small-signal
bandwidth at a gain of +2V/V and a 1300V/
µs slew rate while
consuming only 50mW per amplifier from ±5V supplies.
The CLC412 offers exceptional video performance with its 0.02%
and 0.02° differential gain and phase errors for NTSC and PAL video
signals while driving one back terminated 75
Ω load. The CLC412
also offers a flat gain response of 0.1dB to 30MHz and very low
channel-to-channel crosstalk of -76dB at 10MHz. Additionally, each
amplifier can deliver a 70mA continuous output current. This level of
performance makes the CLC412 an ideal dual op amp for high-
density broadcast-quality video systems.
The CLC412's two very well-matched amplifiers support a number of
applications such as differential line drivers and receivers. In
addition, the CLC412 is well suited for Sallen Key active filters in
applications such as anti-aliasing filters for high-speed A/D
converters. Its small 8-pin SOIC package, low power requirement,
low noise and distortion allow the CLC412 to serve portable RF
applications such as IQ-channels.
The CLC412 is available in the following versions.
CLC412AJP
-40°C to +85°C
8-pin Plastic DIP
CLC412AJE
-40°C to +85°C
8-pin Plastic SOIC
CLC412AIB
-40°C to +85°C
8-pin CERDIP
CLC412A8B
-55°C to +125°C
8-pin CERDIP,
MIL-STD-883, Level B
CLC412A8L-2A
-55°C to +125°C
20-pin LCC,
MIL-STD-883, Level B
CLC412AMC
-55°C to +125°C
dice,
MIL-STD-883, Level B
DESC SMD number: 5962-94719
June 1999
Features
s
Wide bandwidth: 330MHz (A
v=+1V/V)
250MHz (A
v=+2V/V)
s
0.1dB gain flatness to 30MHz
s
Low power: 5mA/channel
s
Very low diff. gain, phase: 0.02%, 0.02°
s
-76dB channel-to-channel crosstalk
(10MHz)
s
Fast slew rate: 1300V/
µs
s
Unity-gain stable
Applications
s
HDTV, NTSC & PAL video systems
s
Video switching and distribution
s
IQ amplifiers
s
Wideband active filters
s
Cable drivers
s
DC coupled single-to-differential conversions
-
+
-
+
1
2
3
4
Vout1
Vinv1
Vnon-inv1
-Vcc
+Vcc
Vout2
Vinv2
Vnon-inv2
8
7
6
5
Pinout
DIP & SOIC
½CLC412
½CLC412
Rin
+
+
-
-
Vout
Vin
R2
Rf
C2
C1
Rf
R1
Rg
V
V
K
RR C C
ss
RC
R C
K
RC
R R C C
out
in
o
=
++
+
−
+
12
1
2
2
11
2
2
9
22
1 2
1
2
11
1
1
© 1999 National SemiconductorCorporation
http://www.national.com
Printed in the U.S.A.
Typical Application
Sallen-Key Low-Pass Filter


Similar Part No. - CLC412AMC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
Dual Wideband Video Op Amp
More results

Similar Description - CLC412AMC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
Dual Wideband Video Op Amp
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
Dual, Low Power Video Op Amp
REV.B
AD828 AD-AD828_02 Datasheet
448Kb / 12P
Dual, Low Power Video Op Amp
REV. C
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
Dual Wideband Video Op Amp
logo
Analog Devices
AD828ARZ AD-AD828ARZ Datasheet
462Kb / 12P
Dual, Low Power Video Op Amp
REV. C
AD828 AD-AD828_15 Datasheet
462Kb / 12P
Dual, Low Power Video Op Amp
REV. C
logo
Texas Instruments
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_17 Datasheet
1Mb / 21P
Dual Wideband Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com