Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDST4148 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDST4148
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDST4148 Datasheet(HTML) 1 Page - Comchip Technology

  CDST4148 Datasheet HTML 1Page - Comchip Technology CDST4148 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Voltage: 75 Volts
Power:
350 mWatts
CDST4148
, CDST4448
Feature
Fast switching speed
Surface mount package Ideally Suited for
Electrically Identical to Standard JEDEC
High Conductance
Surface Mount Switching Diode
www.comchip.com.tw
COMCHIP
COMCHIP
SOT-23
Dimensions in inches (millimeters)
Mechanical Data
Case: SOT-23 Plastic Package
Terminals: Solderable per MIL-STD-202,
Method 208
Approx. Weight: 0.008 gram
MDS0210008
B
Page 1
.037(0.95) .037(0.95)
.119 (3.0)
.020 (0.5)
.020 (0.5)
Top View
.103 (2.6)
.110 (2.8)
.086 (2.2)
.020 (0.5)
3
12
Automatic insertion
SINGLE
CDST4148
, CDST4448
Parameter
Symbol
CDST4148
CDST4448
Units
Reverse Voltage
VR
75
75
V
Peak Reverse Voltage
VRM
100
100
V
Rectified Current (Average), Half Wave Rectification with Resistive Load
and f >=50 Hz
IO
150
150
mA
Peak Forward Surge Current, 8.3ms single half sine-wave superimposed
on rated load (JEDEC method)
IFSM
2.0
4.0
A
Power Dissipation Derate Above 25°C
PTOT
350
mW
Maximum Forward Voltage
@ IF=5mA
-
0.72
@ IF=10mA
1.0
1.0
Maximum DC Reverse Current at Rated DC Blocking Voltage TJ= 25°C
IR
2.5
2.5
uA
Typical Junction Capacitance( Notes1)
CJ
4.0
4.0
pF
Maximum Reverse Recovery (Notes2)
TRR
4.0
4.0
ns
Maximum Thermal Resistance
R JA
°C/W
Storage Temperature Range
TJ
°C
(2) From IF = 10mA to IR = 1mA, VR = 6Volts, RL = 100
(1) CJ at VR = 0, f = 1MHZ
Maximum Ratings and Electrical Characterics
VF
V
357
-55 to +125


Similar Part No. - CDST4148

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDST4448-G COMCHIP-CDST4448-G Datasheet
76Kb / 2P
SMD Switching Diode
CDST4448-G COMCHIP-CDST4448-G Datasheet
80Kb / 2P
SMD Switching Diode
CDST4448-G COMCHIP-CDST4448-G_12 Datasheet
80Kb / 2P
SMD Switching Diode
More results

Similar Description - CDST4148

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com