Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDST4148 Datasheet(PDF) 2 Page - Comchip Technology

Part # CDST4148
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDST4148 Datasheet(HTML) 2 Page - Comchip Technology

  CDST4148 Datasheet HTML 1Page - Comchip Technology CDST4148 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (CDST4148)
Surface Mount Switching Diode
www.comchip.com.tw
COMCHIP
RECTIFICATION EFFCIENCY MEASUREMENT CIRCUIT
TYPICAL CAPATICANCE
0.2
0.4
0.6
0.8
1.0
1.2
10
1.0
0.1
10
0
1.0
0.1
0.01
0.001
10
20
30
40
50
6.0
0
4.5
3.5
1.5
0
24
6
8
FORWARD VOLTAGE, Volts
REVERSE VOLTAGE, Volts
T =150 C
A
O
T =125 C
A
O
T =85 C
A
O
T =55 C
A
O
T =25 C
A
O
REVERSE VOLTAGE, Volts
5k
W
Vo
2nF
V
=2V
RF
60
W
0.01
MDS0210008
B
Page 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com