Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSF355 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDSF355
Description  SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSF355 Datasheet(HTML) 1 Page - Comchip Technology

  CDSF355 Datasheet HTML 1Page - Comchip Technology CDSF355 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Speed
0.106(2.70)
0.098(2.50)
0.017(0.43) Typ
0.055(1.40)
0.047(1.20)
0.040 (1.00)
0.031(0.80)
0.008(R0.20) Typ.
Dimensions in inches and (millimeter)
1005(2512)
CDSF355
Features
Designed for mounting on small surface.
High speed switching.
High mounting capability, strong surge
withstand, high reliability.
Mechanical data
Case: 1005(2512) standard package,
molded plastic.
Terminals: Solder plated, solderable per
MIL-STD-750, method 2026.
Polarity: Indicated by cathode band.
Mounting position: Any.
Weight: 0.005 gram (approximately)
SMD Switching Diode
SMD Switching Diode
Parameter
Repetitive peak reverse voltage
Reverse voltage
Average forward current
Forward current , surge peak
Power Dissipation
Storage temperature
Junction temperature
Conditions
Symbol
VRRM
VR
IO
IFSM
PD
TSTG
T j
Min
-55
-55
Max
90
80
100
300
+125
+125
Unit
V
uA
pF
nS
Typ
1000
Parameter
Forward voltage
Reverse current
Capacitance between terminals
Reverse recovery time
Conditions
I F = 100 mA DC
VR = 80 V
f =1MHz, and 1 VDC reverse voltage
VR = 6V, IF = 10 mA, RL =50 ohms
Symbol
VF
IR
CT
Trr
Min Typ Max
1.00
0.1
3
4
Unit
V
V
mA
mA
mW
www.comchip.com.tw
COMCHIP
COMCHIP
Page 1
Maximum Rating ( at T A = 25
unless otherwise noted )
C
C
Electrical Characteristics ( at T A = 25
unless otherwise noted )
C
C
C
C
8.3 ms single half sine-wave superimposed
on rate load ( JEDEC method )
Preliminary
RDS0212001-A


Similar Part No. - CDSF355

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSF355-B01 COMCHIP-CDSF355-B01 Datasheet
152Kb / 2P
SMD Switching Diode
CDSF355B COMCHIP-CDSF355B Datasheet
77Kb / 2P
SMD Switching Diode
CDSF355B-HF COMCHIP-CDSF355B-HF Datasheet
197Kb / 4P
SMD Switching Diode
CDSF355BS-HF COMCHIP-CDSF355BS-HF Datasheet
126Kb / 4P
SMD Switching Diode
CDSF355BS-HF COMCHIP-CDSF355BS-HF Datasheet
126Kb / 4P
SMD Switching Diode
More results

Similar Description - CDSF355

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASS355 ANACHIP-ASS355 Datasheet
96Kb / 3P
SMD Switching Diode
Rev. 0.0 Oct 29, 2003
logo
Comchip Technology
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
SMD Switching Diode
CDSFR101A COMCHIP-CDSFR101A Datasheet
75Kb / 2P
SMD Switching Diode
CDSFR355B COMCHIP-CDSFR355B Datasheet
76Kb / 2P
SMD Switching Diode
CDSFR4448 COMCHIP-CDSFR4448 Datasheet
73Kb / 2P
SMD Switching Diode
CDST4448-G COMCHIP-CDST4448-G Datasheet
76Kb / 2P
SMD Switching Diode
CDSUR400B COMCHIP-CDSUR400B Datasheet
76Kb / 2P
SMD Switching Diode
CDSF4148S-HF COMCHIP-CDSF4148S-HF Datasheet
130Kb / 4P
SMD Switching Diode
CDSQR4148S-HF COMCHIP-CDSQR4148S-HF Datasheet
125Kb / 4P
SMD Switching Diode
CDST-4448-G COMCHIP-CDST-4448-G Datasheet
385Kb / 4P
SMD Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com