Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSF355 Datasheet(PDF) 2 Page - Comchip Technology

Part # CDSF355
Description  SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSF355 Datasheet(HTML) 2 Page - Comchip Technology

  CDSF355 Datasheet HTML 1Page - Comchip Technology CDSF355 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (CDSF355)
Fig. 4 - Current derating curve
Mounting on glass epoxy PCBs
0
20
40
60
80
100
0
25
50
75
100
125
150
SMD Switching Diode
SMD Switching Diode
www.comchip.com.tw
COMCHIP
COMCHIP
Reverse voltage (V)
Page 2
Fig. 3 - Capacitance between
terminals characteristics
0
1.0
2.0
3.0
4.0
5.0
0
2
4
6
8
10
12
14
Fig. 1 - Forward characteristics
Forward voltage (V)
Reverse voltage (V)
Fig. 2 - Reverse characteristics
1000
1
10
100
10
20
30
40
50
60
70
80
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1n
10u
10n
100n
1u
f = 1 MHz
Ta = 25 C
Ambient temperature (
)
C
C
C
125
C
75
C
25
REV:A
RDS0212001-A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com