Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBW0520 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBW0520
Description  SMD Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBW0520 Datasheet(HTML) 1 Page - Comchip Technology

  CDBW0520 Datasheet HTML 1Page - Comchip Technology CDBW0520 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Voltage: 20- 40 Volts
Current: 0.5 Amp
CDBW0520 - CDBW0540
Feature
Low turn-on voltage
Fast switching
PN junction guard ring for transient and
ESD protection
Mechanical data
Case: SOD-123, molded plastic
Terminals: solderable per MIL-STD-750,
method 2026
Polarity: Indicated by cathode band
Mounting position: Any
Weight:0.008 grams
SMD Schottky Barrier Diodes
SMD Schottky Barrier Diodes
www.comchip.com.tw
COMCHIP
COMCHIP
Parameter
Max.RepetitivePeak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
Sine-wave superimposed on
Rate load ( JEDEC )
Max. AverageForward Current
Max. Forward Current at 0.1 A
0.5 A
Max. Reverse Current
Max. Thermal Resistance
Operating junction temperature
Storage temperature
Symbol
VRRM
VDC
VRMS
IFSM
I o
V F
I R
R JA
R JL
T j
TSTG
CDBW0520
20
14
20
0.3
0.385
0.075 @ VR=10V
0.25 @ VR=20V
Maximum Ratings and Electrical Characterics
Unit
V
V
V
A
A
V
mA
CDBW0530
30
21
30
5.5
0.5
0.375
0.430
0.02 @ VR=15V
0.13 @ VR=30V
CDBW0540
40
28
40
0.51
0.01@ VR=20V
0.02 @ VR=40V
.154 (3.90)
.016 (.40)Min.
.005 (.12) MAX.
.098 (2.50)
.110 (2.80)
.141 (3.60)
Dimensions in inches and (millimeters)
SOD-123
MDS0208001B
Page 1
C
C
C/W
Note 1: Thermal resistance from junction to ambient and junction to to lead P.C.B. Mounted on 0.2 x 0.2 copper pad areas
206
150
-55 to +125
-55 to +125


Similar Part No. - CDBW0520

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBW0520L-G COMCHIP-CDBW0520L-G Datasheet
450Kb / 2P
SMD Schottky Barrier Diodes
CDBW0520L-G COMCHIP-CDBW0520L-G Datasheet
94Kb / 4P
SMD Schottky Barrier Diodes
CDBW0520L-G COMCHIP-CDBW0520L-G_12 Datasheet
94Kb / 4P
SMD Schottky Barrier Diodes
CDBW0520L-HF COMCHIP-CDBW0520L-HF Datasheet
69Kb / 4P
SMD Schottky Barrier Diodes
More results

Similar Description - CDBW0520

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBW0520L-G COMCHIP-CDBW0520L-G Datasheet
450Kb / 2P
SMD Schottky Barrier Diodes
CDBV120-G COMCHIP-CDBV120-G_12 Datasheet
106Kb / 4P
SMD Schottky Barrier Diodes
CDBW120-G COMCHIP-CDBW120-G_12 Datasheet
103Kb / 4P
SMD Schottky Barrier Diodes
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
SMD Schottky Barrier Diodes
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
SMD Schottky Barrier Diodes
logo
Diotec Semiconductor
LL101B DIOTEC-LL101B_16 Datasheet
142Kb / 2P
SMD Schottky Barrier Diodes
SD101AW DIOTEC-SD101AW_16 Datasheet
132Kb / 2P
SMD Schottky Barrier Diodes
SD103AW DIOTEC-SD103AW_16 Datasheet
131Kb / 2P
SMD Schottky Barrier Diodes
logo
Comchip Technology
CDBQC0530L-HF COMCHIP-CDBQC0530L-HF Datasheet
81Kb / 4P
SMD Schottky Barrier Diodes
RB521G-30HF COMCHIP-RB521G-30HF Datasheet
191Kb / 4P
SMD Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com