Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBW0520 Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBW0520
Description  SMD Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBW0520 Datasheet(HTML) 2 Page - Comchip Technology

  CDBW0520 Datasheet HTML 1Page - Comchip Technology CDBW0520 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (CDBW0520-0540)
Fig. 1 - Reverse Characteristics
0.1
1
Reverse Voltage (V)
Fig. 4 - Current Derating Curve
Mounting on glass epoxy PCBs
0.1
0.2
0.3
0.4
0.5
0.6
0
25
50
75
100
125
150
SMD Schottky Barrier Diodes
SMD Schottky Barrier Diodes
www.comchip.com.tw
COMCHIP
COMCHIP
1000
0.01
10
100
Fig. 2 - Reverse Characteristics
Reverse Voltage (V)
10000
1000
0
5
10
15
20
25
0
5
10
15
20
25
Fig. 3 - Capacitance Between
Terminals characteristics
Reverse Voltage (V)
0
50
100
150
200
5
10
15
2 0
25
Forward Voltage (V)
Fig. 3 - Forward Characteristics
0.1
0.2
0.3
0.4
0.5
0.01
0.1
1
10
MDS0208001B
Page 2
Tj=25 C
Tj=75 C
Tj=25 C
Ambient Temperature ( C)
Tj=100 C
Tj=100 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com