Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVG3A103C01B00 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # PVG3A103C01B00
Description  Inductance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVG3A103C01B00 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  PVG3A103C01B00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PVG3A103C01B00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PVG3A103C01B00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
PVG3A103C01B00
Appearance & Shape
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
B00
Bulk(Bag)
500
Features
1. Sealed construction protects the interior from dust
and liquid, which achieves stable performance.
2. Driver plate with cross-slot is suitable for
automatic adjustment.
3. Rotor with large diameter and deep groove improves
driver insertion.
4. 3mm and 4mm land pattern can be used without change.
(Gull-wing is suitable for 4mm size land pattern.)
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
:
updated 2016/06/13


Similar Part No. - PVG3A103C01B00

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PVG3A103C01 BOURNS-PVG3A103C01 Datasheet
259Kb / 3P
SMD Sealed Type Single-Turn PVG3 Series
logo
Murata Manufacturing Co...
PVG3A103C01R00 MURATA-PVG3A103C01R00 Datasheet
196Kb / 3P
Inductance
logo
Bourns Electronic Solut...
PVG3A103C01R00 BOURNS-PVG3A103C01R00 Datasheet
259Kb / 3P
SMD Sealed Type Single-Turn PVG3 Series
logo
Murata Manufacturing Co...
PVG3A103C01R00 MURATA1-PVG3A103C01R00 Datasheet
251Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
08/30/2022
PVG3A103C01R00 MURATA1-PVG3A103C01R00_V01 Datasheet
251Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
08/30/2022
More results

Similar Description - PVG3A103C01B00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW15CNR39J10 MURATA-LQW15CNR39J10 Datasheet
92Kb / 2P
Inductance
LQW15CNR27K10 MURATA-LQW15CNR27K10 Datasheet
91Kb / 2P
Inductance
LQW15CAR64J00 MURATA-LQW15CAR64J00 Datasheet
74Kb / 2P
Inductance
LQW15CAR56J00 MURATA-LQW15CAR56J00 Datasheet
74Kb / 2P
Inductance
LQW15CAR50J00 MURATA-LQW15CAR50J00 Datasheet
74Kb / 2P
Inductance
LQW15CAR37J00 MURATA-LQW15CAR37J00 Datasheet
74Kb / 2P
Inductance
LQW15CAR27J00 MURATA-LQW15CAR27J00 Datasheet
73Kb / 2P
Inductance
LQW15CAR22K00 MURATA-LQW15CAR22K00 Datasheet
73Kb / 2P
Inductance
LQW15CAR18J00 MURATA-LQW15CAR18J00 Datasheet
73Kb / 2P
Inductance
LQW15CNR14K10 MURATA-LQW15CNR14K10 Datasheet
91Kb / 2P
Inductance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com