Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVG3A103C01B00 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PVG3A103C01B00
Description  Inductance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVG3A103C01B00 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PVG3A103C01B00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PVG3A103C01B00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PVG3A103C01B00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
PVG3A103C01B00
Specifications
Power Rating
0.25W
Shape
SMD
Maximum Working Voltage
200Vdc
Adjustment Direction
Top
Size
3mm
Auto Adjustment
Yes
Number of Turns (Effective Rotation
Angle)
1(210°±10°)
Mechanical Rotation Angle
250+/-10 deg.
Total Resistance Value
10kΩ
Total Resistance Value Tolerance
±20%
Temperature Coefficient of
Resistance
℃
±150ppm/
Resistance Taper
B(Linear)
Contact Resistance Variation
2% of standard total resistance or
3ohm max., whichever is greater
Residual Resistance
1% od standard total resistance or
2ohm max., whichever is greater
Soldering Method
Reflow
Soldering Iron
Torque
・
4.9mN m max.
Measure Condition of RatedPower
℃
70
Operating Temperature Range
-
℃
55
to
℃
125
Mass
0.06g
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
:
updated 2016/06/13



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com