Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTL0422PS-R3 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CTL0422PS-R3
Description  P-Channel Enhancement MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTL0422PS-R3 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CTL0422PS-R3 Datasheet HTML 1Page - CT Micro International Corporation CTL0422PS-R3 Datasheet HTML 2Page - CT Micro International Corporation CTL0422PS-R3 Datasheet HTML 3Page - CT Micro International Corporation CTL0422PS-R3 Datasheet HTML 4Page - CT Micro International Corporation CTL0422PS-R3 Datasheet HTML 5Page - CT Micro International Corporation CTL0422PS-R3 Datasheet HTML 6Page - CT Micro International Corporation CTL0422PS-R3 Datasheet HTML 7Page - CT Micro International Corporation CTL0422PS-R3 Datasheet HTML 8Page - CT Micro International Corporation CTL0422PS-R3 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 1
Nov, 2013
CTL0422PS-R3
P-Channel Enhancement MOSFET
Package Outline
Schematic
Features
Drain-Source Breakdown Voltage VDSS -20 V
Drain-Source On-Resistance
RDS(ON) 45m
, at V
GS
= -4.5V, ID= -4.0A
RDS(ON) 52m
, at V
GS
= -2.5V, ID= -3.0A
RDS(ON) 60m
, at V
GS
= -1.8V, ID= -2.0A
Continuous Drain Current at TC=25℃ ID = -4.0A
Advanced high cell density Trench Technology
RoHS Compliance & Halogen Free
Applications
Power Management
Lithium Ion Battery
Description
The CTL0422PS-R3 is the P-Channel logic enhancement
mode power field effect transistors are produced using
high cell density, DMOS trench technology. This high
density process is especially tailored to minimize on-state
resistance. These devices are particularly suited for low
voltage application such as cellular phone and notebook
computer power management and other battery powered
circuits where high-side switching and low in-line power
loss are needed in a very small outline surface mount
package.
Gate
Source
Drain
Gate
Drain
Source


Similar Part No. - CTL0422PS-R3

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTL0402PS-R3 CTMICRO-CTL0402PS-R3 Datasheet
900Kb / 11P
P-Channel Enhancement MOSFET
CTL0404NS-R3 CTMICRO-CTL0404NS-R3 Datasheet
791Kb / 11P
N-Channel Enhancement MOSFET
CTL0412ND CTMICRO-CTL0412ND Datasheet
1Mb / 11P
N-Channel Enhancement MOSFET
CTL0432PS-R3 CTMICRO-CTL0432PS-R3 Datasheet
760Kb / 11P
P-Channel Enhancement MOSFET
CTL0433PS-R3 CTMICRO-CTL0433PS-R3 Datasheet
785Kb / 11P
P-Channel Enhancement MOSFET
More results

Similar Description - CTL0422PS-R3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
P-Channel Enhancement MOSFET
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
SI2301DS-3 KEXIN-SI2301DS-3 Datasheet
1Mb / 5P
P-Channel Enhancement MOSFET
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com